Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BTA26 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTA26
Description  800 V and 600 V, 25 A standard Triacs in TOP3 package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA26 Datasheet(HTML) 1 Page - STMicroelectronics

  BTA26_V01 Datasheet HTML 1Page - STMicroelectronics BTA26_V01 Datasheet HTML 2Page - STMicroelectronics BTA26_V01 Datasheet HTML 3Page - STMicroelectronics BTA26_V01 Datasheet HTML 4Page - STMicroelectronics BTA26_V01 Datasheet HTML 5Page - STMicroelectronics BTA26_V01 Datasheet HTML 6Page - STMicroelectronics BTA26_V01 Datasheet HTML 7Page - STMicroelectronics BTA26_V01 Datasheet HTML 8Page - STMicroelectronics BTA26_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
A2
A1
G
TOP3 Isolated
A2
A1
G
A2
A1
G
TOP3
A2
Features
•
High current Triac
•
Low thermal resistance with clip bonding
•
Standard commutation (4 quadrants) or snubberless (3 quadrants), both with
high turn-off commutation
•
BTA26 UL1557 recognized components (file ref: 81734)
•
RoHS (2002/95/EC) compliant packages
Applications
•
On/off function in static relays, heating regulation, induction motor starting
circuits
•
Phase control operations in light dimmers and motor speed controllers
Description
Available in TOP3 insulated and non-insulated package, BTA26 and BTB26 are
suitable for general purpose AC switching.
BTA26 and BTB26 provide an insulated tab (rated at 2500 VRMS). These components
are UL recognized and meet UL 1557 (file ref. 81734).
Product status link
BTA26
TOP3 isolated
package
BTB26
TOP3 package
Product summary
IT(RMS)
25 A
VDRM/VRRM
600 V to 800 V
IGT(standard)
50 mA
IGT(Snubberless)
BTA26(1)
35 / 50 mA
1. 600 V version available only with IGT =
50 mA (Snubberless and Standard)
800 V and 600 V, 25 A standard Triacs in TOP3 package
BTA26, BTB26
Datasheet
DS13701 - Rev 1 - August 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - BTA26_V01

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BTA26-1000 SIRECTIFIER-BTA26-1000 Datasheet
373Kb / 4P
Discrete Triacs
BTA26-1200 SIRECTIFIER-BTA26-1200 Datasheet
373Kb / 4P
Discrete Triacs
BTA26-400 SIRECTIFIER-BTA26-400 Datasheet
373Kb / 4P
Discrete Triacs
logo
STMicroelectronics
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
logo
Sirectifier Semiconduct...
BTA26-600 SIRECTIFIER-BTA26-600 Datasheet
373Kb / 4P
Discrete Triacs
More results

Similar Description - BTA26_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
25 A standard and Snubberless™ triacs
05-Jul-2007
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
logo
STMicroelectronics
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
T5035H-8PI STMICROELECTRONICS-T5035H-8PI Datasheet
226Kb / 11P
50 A - 800 V - 150 °C 8H-Triac in TOP3 Ins.
05-Oct-2021
BTA25 STMICROELECTRONICS-BTA25 Datasheet
191Kb / 10P
800 V and 600 V, 25 A standard Triacs in RD91 package
03-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com