Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3B20 Datasheet(PDF) 3 Page - Analog Devices

Part # 3B20
Description  AC Strain Gage, Torque Transducer Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B20 Datasheet(HTML) 3 Page - Analog Devices

  3B20 Datasheet HTML 1Page - Analog Devices 3B20 Datasheet HTML 2Page - Analog Devices 3B20 Datasheet HTML 3Page - Analog Devices 3B20 Datasheet HTML 4Page - Analog Devices 3B20 Datasheet HTML 5Page - Analog Devices 3B20 Datasheet HTML 6Page - Analog Devices 3B20 Datasheet HTML 7Page - Analog Devices 3B20 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3B20
Rev. 0 | Page 3 of 8
3B20 Models Available
Model
Excitation
Voltage
Excitation
Frequency
Input Range
Sensitivity
Output
Ranges1
3B20-00
Externally
Programmable2
Externally
Programmable2
Externally
Programmable2
Externally
Programmable2
-10 V to +10 V &
0 mA to 20 mA
3B20-01
5 V rms
3 kHz
20 mV rms
2 mV rms/V
-10 V to +10 V &
0 mA to 20 mA
3B20-Custom
*
*
*
*
*
1 Output current range may be user programmed to 4 mA to 20 mA using jumper supplied.
2 Requires AC1310 ranging card.
* Custom Input/Output ranges are available. Refer to configuration guide.
3B20 Specifications
(typical @ +25°C and ±15 V dc, and +24 V dc Power)
Description
Model 3B20
Input Range
Standard Range
Refer to Model Table
Custom Ranges
Vin = 1.5 mV rms to 150 mV rms
Vexc = 2 V rms to 10 V rms
Vexc freq. = 1 kHz to 10 kHz
Output Range
Voltage (RL > 2 KΩ)
-10 V to +10 V
Current (RL = 0 to 850Ω)
1
4 mA to 20 mA or 0 mA to 20 mA
With Input Overload
40 mA, maximum
Accuracy2
Initial @ +25°C
±0.1% Span
Nonlinearity2
±0.05% Span
Stability vs. Temperature
Voltage Output
Zero
±0.005% of Span/°C
Span
±0.01% of Span/°C
Current Output3
Zero
±25 ppm of Span/°C
Span
±25 ppm of Reading/°C
Bridge Excitation
Voltage4
2 V rms to 10 V rms
Voltage, tolerance
±2.5%
Frequency4
1 kHz to 10 kHz, ±15%
Drive
Up to 20 mA rms, minimum
Harmonic Distortion
< 0.5%
Span Calibration Adjustment Range4
±25% of span, minimum



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com