Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RK816-2 Datasheet(PDF) 32 Page - Rockchip Electronics Co., Ltd

Part # RK816-2
Description  Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK816-2 Datasheet(HTML) 32 Page - Rockchip Electronics Co., Ltd

Back Button RK816-2 Datasheet HTML 28Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 29Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 30Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 31Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 32Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 33Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 34Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 35Page - Rockchip Electronics Co., Ltd RK816-2 Datasheet HTML 36Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
RK816 Datasheet
Rev 1.3
Copyright ©2017 Fuzhou Rockchip Electronics Co., Ltd.
32
Register Description
5.1 Register Summary
HEX
ADDRESS
FUNCTION DESCRIPTION
R/W
DEFAULT
RTC REGISTER
00
SECONDS_REG
RW
0x00
01
MINUTES_REG
RW
0x50
02
HOURS_REG
RW
0x08
03
DAYS_REG
RW
0x21
04
MONTHS_REG
RW
0x01
05
YEARS_REG
RW
0x15
06
WEEKS_REG
RW
0x03
08
ALARM_SECONDS_REG
RW
0x00
09
ALARM_MINUTES REG
RW
0x00
0A
ALARM_HOURS REG
RW
0x00
0B
ALARM_DAYS_REG
RW
0x01
0C
ALARM_MONTHS_REG
RW
0x01
0D
ALARM_YEARS_REG
RW
0x00
10
RTC_CTRL_REG
RW
0x00
11
RTC_STATUS_REG
RW
0x82
12
RTC_INT_REG
RW
0x00
13
RTC_COMP_LSB_REG
RW
0x00
14
RTC_COMP_MSB_REG
RW
0x00
20
CLK32KOUT_REG
RW
0x01
VERSION REGISTER
17
CHIP_NAME_REG
RO
0x81
18
CHIP_VER_REG
RO
0x61
19
OTP_VER_REG
RO
0000/otp<3:0>
POWER ON/OFF REGISTER
21
VB_MON_REG
RW
0x14
22
VB_UV_REG/THERMAL_REG
RW
0x00
47
PWRON_LP_INT_TIME_REG
RW
0x20
48
PWRON_DB_REG
RW
0x40
4B
DEV_CTRL_REG
RW
0x00
AE
ON_SOURCE_REG
RO
0x00
AF
OFF_SOURCE_REG
RO
0x00
POWER CHANNELS ENABLE REGISTER
23
DCDC_EN_REG1
RW
Boot0:0x0F
Boot1:0000/otp<3:0>
24
DCDC_EN_REG2
RW
Boot0:0x00
Boot1:00000/otp<1:0>
/0
25
SLP_DCDC_EN_REG
RW
Boot0:0x0F
Boot1:0/otp<6:0>
26
SLP_LDO_EN_REG
RW
Boot0:0x36
Boot1:00/otp<5:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com