Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AAT7357 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT7357
Description  20V P-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT7357 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT7357 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT7357 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT7357 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT7357 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT7357 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT7357 Datasheet HTML 6Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AAT7357
20V P-Channel Power MOSFET
7357.2005.04.1.0
1
General Description
The AAT7357 is a low threshold dual P-channel
MOSFET designed for the battery, cell phone, and
PDA markets. Using AnalogicTech's ultra-high-
density MOSFET process and space-saving,
small-outline, J-lead package, performance superi-
or to that normally found in a TSSOP-8 footprint
has been squeezed into the footprint of a
TSOPJW-8 package.
Applications
Battery Packs
Battery-Powered Portable Equipment
Cellular and Cordless Telephones
Features
Drain-Source Voltage (max): -20V
Contiunous Drain Current1 (max) = -5A @ 25°C
Low On-Resistance:
— 39mΩ @ VGS = -4.5V
— 63mΩ @ VGS = -2.5V
Dual TSOPJW-8 Package
D1 D1 D2 D2
S1 G1 S2 G2
Top View
1
234
8
765
Absolute Maximum Ratings
TA = 25°C, unless otherwise noted.
Thermal Characteristics1
Symbol
Description
Typ
Max
Units
RθJA
Junction-to-Ambient Steady State, One FET On
115
140
°C/W
RθJA2
Junction-to-Ambient t<5 Seconds
64
78
°C/W
RθJF
Junction-to-Foot
60
72
°C/W
Symbol
Description
Value
Units
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Source Voltage
±12
ID
Continuous Drain Current @ TJ = 150°C1
TA = 25°C
±5
TA = 70°C
±4
A
IDM
Pulsed Drain Current2
±12
IS
Continuous Source Current (Source-Drain Diode)1
-1.3
PD
Maximum Power Dissipation1
TA = 25°C
1.6
W
TA = 70°C
1.0
TJ
Operating Junction Temperature Range
-55 to 150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
1. Based on thermal dissipation from junction to ambient while mounted on a 1" x 1" PCB with optimized layout. A 5-second pulse on a
1" x 1" PCB approximates testing a device mounted on a large multi-layer PCB as in most applications. RθJF + RθFA = RθJA where the
foot thermal reference is defined as the normal solder mounting surface of the device's leads. RθJF is guaranteed by design; however,
RθCA is determined by the PCB design. Actual maximum continuous current is limited by the application's design.
2. Pulse test: Pulse Width = 300µs.


Similar Part No. - AAT7357

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT7357 ANALOGICTECH-AAT7357 Datasheet
207Kb / 6P
20V P-Channel Power MOSFET
AAT7357 ANALOGICTECH-AAT7357 Datasheet
195Kb / 6P
20V P-Channel Power MOSFET
AAT7357ITS-T1 ANALOGICTECH-AAT7357ITS-T1 Datasheet
207Kb / 6P
20V P-Channel Power MOSFET
AAT7357ITS-T1 ANALOGICTECH-AAT7357ITS-T1 Datasheet
195Kb / 6P
20V P-Channel Power MOSFET
AAT7357 ANALOGICTECH-AAT7357_05 Datasheet
195Kb / 6P
20V P-Channel Power MOSFET
More results

Similar Description - AAT7357

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT8307 ANALOGICTECH-AAT8307 Datasheet
168Kb / 6P
20V P-Channel Power MOSFET
AAT8401 ANALOGICTECH-AAT8401 Datasheet
158Kb / 6P
20V P-Channel Power MOSFET
AAT8343 ANALOGICTECH-AAT8343 Datasheet
124Kb / 6P
20V P-Channel Power MOSFET
AAT8515 ANALOGICTECH-AAT8515 Datasheet
79Kb / 6P
20V P-Channel Power MOSFET
AAT8343 ANALOGICTECH-AAT8343_06 Datasheet
216Kb / 6P
20V P-Channel Power MOSFET
logo
Union Semiconductor, In...
UM8516 UNIONSEMI-UM8516 Datasheet
275Kb / 5P
20V P-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM260P02CX6 TSC-TSM260P02CX6 Datasheet
327Kb / 5P
20V P-Channel Power MOSFET
TSM500P02CX TSC-TSM500P02CX Datasheet
400Kb / 5P
20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1480WT1G LRC-LP1480WT1G Datasheet
489Kb / 5P
-20V P-Channel Power Mosfet
LP1488WT1G LRC-LP1488WT1G Datasheet
439Kb / 3P
-20V P-Channel Power Mosfet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com