Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAL Datasheet(PDF) 10 Page - JST Mfg. Co., Ltd.

Part # PAL
Description  2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PAL Datasheet(HTML) 10 Page - JST Mfg. Co., Ltd.

Back Button PAL Datasheet HTML 4Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 5Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 6Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 7Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 8Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 9Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 10Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 11Page - JST Mfg. Co., Ltd. PAL Datasheet HTML 12Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
8.4
2.85
1.3
Model No.
mm2
AWG #
Applicable wire
Q'ty /
reel
Insulation O.D.
(mm)
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
SPA-001T-P0.5
0.9
∼1.5
10,000
0.13∼0.33
26∼22
Contact
Crimping
machine
Crimp applicator with dies
Dies
Crimp applicator
Applicator
SPA-001T-P0.5
AP-K2N
MKS-L
MK/SPA-001-05
APLMK SPA001-05
Q'ty /
bag
Circuits
Model No.
Material
PA 66, UL94V-0, natural (white)
AB
Dimensions(mm)
2
3
4
5
6
7
8
9
10
15
PARP-02V
PARP-03V
PARP-04V
PARP-05V
PARP-06V
PARP-07V
PARP-08V
PARP-09V
PARP-10V
PARP-15V
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
28.0
5.4
7.4
9.4
11.4
14.0
16.0
18.0
20.0
22.0
32.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
Contact
Housing
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PARP-02V-oo-
(blank)…natural (white)
R…red E…blue Y…yellow M…green
RoHS compliance
Retainer
2.85
1.5
7
1.5
2.4
3.1
7
Q'ty /
bag
Circuits
Model No.
Material
Glass-filled PA 66, UL94V-0, natural (ivory)
AB
Dimensions(mm)
2
3
4
5
6
7
8
9
10
15
PMS-02V-S
PMS-03V-S
PMS-04V-S
PMS-05V-S
PMS-06V-S
PMS-07V-S
PMS-08V-S
PMS-09V-S
PMS-10V-S
PMS-15V-S
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
28.0
7.3
9.3
11.3
13.3
11.55
13.55
15.55
17.55
19.55
29.55
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
(2 to 5 circuits)
(6 to 15 circuits)
RoHS compliance
PA FAMILY SERIES /PA CONNECTOR (Crimp style Retainer mountable type)
A
B
2
7.2
A
B
7.2
Circuit No.1
Circuit No.1
Circuit No.1
Circuit No.1
Circuit No.1
Circuit No.1
A
B
2
7.2
A
B
2
7.2
A
B
B
2
7.2
A
2
7.2
(2
circuits)
(4
circuits)
(3
circuits)
(5
circuits)
(6 to 9
circuits)
(10, 15
circuits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com