Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATAM894 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATAM894
Description  8k-flash Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM894 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATAM894 Datasheet HTML 2Page - ATMEL Corporation ATAM894 Datasheet HTML 3Page - ATMEL Corporation ATAM894 Datasheet HTML 4Page - ATMEL Corporation ATAM894 Datasheet HTML 5Page - ATMEL Corporation ATAM894 Datasheet HTML 6Page - ATMEL Corporation ATAM894 Datasheet HTML 7Page - ATMEL Corporation ATAM894 Datasheet HTML 8Page - ATMEL Corporation ATAM894 Datasheet HTML 9Page - ATMEL Corporation ATAM894 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
6
4679D–4BMCU–05/05
ATAM894
5.2.2.1
Expression Stack
The 4-bit wide expression stack is addressed with the expression Stack Pointer (SP). All arith-
metic, I/O and memory reference operations take their operands from, and return their results to
the expression stack. The MARC4 performs the operations with the top of stack items (TOS and
TOS-1). The TOS register contains the top element of the expression stack and works in the
same way as an accumulator. This stack is also used for passing parameters between subrou-
tines and as a scratch pad area for temporary storage of data.
5.2.2.2
Return Stack
The 12-bit wide return stack is addressed by the Return stack Pointer (RP). It is used for storing
return addresses of subroutines, interrupt routines and for keeping loop index counts. The return
stack can also be used as a temporary storage area.
The MARC4 instruction set supports the exchange of data between the top elements of the
expression stack and the return stack. The two stacks within the RAM have a user definable
location and maximum depth.
Figure 5-3.
RAM Map
5.2.3
Registers
The MARC4 controller has seven programmable registers and one condition code register. They
are shown in the following programming model.
5.2.3.1
Program Counter (PC)
The program counter is a 12-bit register which contains the address of the next instruction to be
fetched from the ROM. Instructions currently being executed are decoded in the instruction
decoder to determine the internal micro-operations. For linear code (no calls or branches) the
program counter is incremented with every instruction cycle. If a branch-, call-, return-instruction
or an interrupt is executed, the program counter is loaded with a new address. The program
counter is also used with the table instruction to fetch 8-bit wide ROM constants.
RAM
FCh
00h
Autosleep
FFh
03h
04h
X
Y
SP
RP
TOS-1
Expression
stack
Return
stack
Global
variables
07h
(256 x 4-bit)
Global
variables
4-bit
TOS
TOS-1
TOS-2
30
SP
Expression stack
Return stack
0
11
12-bit
RP
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com