Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATA6661 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA6661
Description  LIN Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6661 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA6661_06 Datasheet HTML 4Page - ATMEL Corporation ATA6661_06 Datasheet HTML 5Page - ATMEL Corporation ATA6661_06 Datasheet HTML 6Page - ATMEL Corporation ATA6661_06 Datasheet HTML 7Page - ATMEL Corporation ATA6661_06 Datasheet HTML 8Page - ATMEL Corporation ATA6661_06 Datasheet HTML 9Page - ATMEL Corporation ATA6661_06 Datasheet HTML 10Page - ATMEL Corporation ATA6661_06 Datasheet HTML 11Page - ATMEL Corporation ATA6661_06 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
4729I–AUTO–12/06
ATA6661
DRAFT
4.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Min.
Typ.
Max.
Unit
V
S
- Continuous supply voltage
–0.3
+40
V
Wake DC and transient voltage (with 33 k
Ω serial resistor)
- Transient voltage due to ISO7637 (coupling 1 nF)
–40
–150
+40
+100
V
V
Logic pins (RXD, TXD, EN)
–0.3
+6
V
LIN
- DC voltage
- Transient voltage due to ISO7637 (coupling 1 nF)
–40
–150
+60
+100
V
V
INH
- DC voltage
–0.3
+40
V
ESD (DIN EN 61000-4-2)
According LIN EMC Test Specification V1.3
- Pin VS, LIN
- Pin Wake (with 33 k
Ω serial resistor)
–6000
–5000
+6000
+5000
V
V
ESD S5.1 - All pins
–3000
+3000
V
CDM ESD STM 5.3.1-1999 - All pins
FCDM ESD STM 5.3.1- All pins
MM JEDEC A115A - All pins
–500
–1000
–200
+500
+1000
+200
V
V
V
Junction temperature
T
j
–40
+150
°C
Storage temperature
T
stg
–55
+150
°C
Operating ambient temperature
Tamb
–40
+125
°C
Thermal shutdown
Toff
150
165
180
°C
Thermal shutdown hysteresis
Thys
5
1020°C
5.
Thermal Resistance
Parameters
Symbol
Value
Unit
Thermal resistance junction ambient
R
thJA
160
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com