Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCM8152 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM8152
Description  10-GBPS TRANSCEIVER WITH 10G CLOCK, BUS SKEW, AND LIMITING AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM8152 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM8152_06 Datasheet HTML 1Page - Broadcom Corporation. BCM8152_06 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM8152
®
10-GBPS TRANSCEIVER WITH 10G CLOCK, BUS SKEW, AND LIMITING AMPLIFIER
Functional Block Diagram
10-gigabit Multisource Agreement (MSA)/XFP-compatible
Fully integrated multirate CDR, DEMUX, CMU, and MUX
1SFI-4 parallel interface (16-bit LVDS)
10-gigabit serial transmitter clock output
Limiting amplifier
On-chip PLL-based clock generator
Line and system loopback modes
Receiver and transmitter serial data polarity invert
Bit order reversal
Analog loss-of-signal output (ALOSB)
Transmit and receive lock detect
10-word FIFO with overflow alarm absorbs system clock jitter
Reference clock: 1/16 or 1/64 of the selectable data rate
Selectable receive clock and receive data squelch
Selectable loop timing mode
Internal phase detector and charge pump for cleanup PLL;
external VCXO required
Input threshold offset adjustment and phase adjustment to
optimize bit error rate and jitter tolerance margin
Power supplies: core, LVPECL, LVDS output, CML at 1.8V,
LVDS input, and CMOS I/O at 1.8 or 3.3V
Power dissipation: 1.2W typical
Provides compliance Optical Internetworking Forum (OIF),
Telcordia®, ITU-T, and IEEE 802.3ae standards
Reduces design cycle and time-to-market
High level of integration allows for higher port density
solutions
Uses the most effective silicon economy of scale for CMOS-
based devices
Standard CMOS fabrication process
FE A T UR E S
SU MM AR Y O F B E N E FI TS
OC-192/STM-64/10-GbE/FEC transmission equipment
SONET/SDH/10-GbE/10FC/FEC optical modules
ADD/DROP multiplexers
Digital cross-connects
ATM switch backbone
SONET/SDH/10-GbE/10FC/FEC test equipment
Terabit and edge routers
A P PLIC A T I ONS
ORX
OTX
OTX
ORX
BCM8152
BCM8152
16
16
16
16


Similar Part No. - BCM8152_06

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8152CIFBG BOARDCOM-BCM8152CIFBG Datasheet
112Kb / 2P
10-GBPS TRANSCEIVER WITH 10G CLOCK, BUS SKEW, AND LIMITING AMPLIFIER
More results

Similar Description - BCM8152_06

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8152 BOARDCOM-BCM8152 Datasheet
129Kb / 1P
10 GBPS TRANSCEIVER WITH 10G CLOCK, BUS SKEW, AND LIMITING AMPLIFIER
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
logo
Broadcom Corporation.
BCM8125 BOARDCOM-BCM8125 Datasheet
129Kb / 2P
10 GBPS 1:16 DEMUX WITH CDR AND LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8238 VITESSE-VSC8238 Datasheet
477Kb / 2P
10.3125 Gbps Advanced Electronic Equalization with Limiting Amplifier, and Clock and Data Recovery
logo
Texas Instruments
ONET4251PA TI-ONET4251PA Datasheet
859Kb / 16P
1 Gbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
logo
Hittite Microwave Corpo...
HMC865LC3C HITTITE-HMC865LC3C_11 Datasheet
1Mb / 10P
32 Gbps LIMITING AMPLIFIER
HMC866LC3C HITTITE-HMC866LC3C_11 Datasheet
734Kb / 10P
32 Gbps LIMITING AMPLIFIER
logo
Broadcom Corporation.
BCM8152CIFBG BOARDCOM-BCM8152CIFBG Datasheet
112Kb / 2P
10-GBPS TRANSCEIVER WITH 10G CLOCK, BUS SKEW, AND LIMITING AMPLIFIER
logo
Texas Instruments
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
11.3 Gbps Limiting Amplifier
logo
List of Unclassifed Man...
CX60083-15 ETC-CX60083-15 Datasheet
260Kb / 14P
10 Gbps High Gain Limiting Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com