Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B10011S Datasheet(PDF) 7 Page - ATMEL Corporation

Part # B10011S
Description  Can Transceiver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

B10011S Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button B10011S_05 Datasheet HTML 3Page - ATMEL Corporation B10011S_05 Datasheet HTML 4Page - ATMEL Corporation B10011S_05 Datasheet HTML 5Page - ATMEL Corporation B10011S_05 Datasheet HTML 6Page - ATMEL Corporation B10011S_05 Datasheet HTML 7Page - ATMEL Corporation B10011S_05 Datasheet HTML 8Page - ATMEL Corporation B10011S_05 Datasheet HTML 9Page - ATMEL Corporation B10011S_05 Datasheet HTML 10Page - ATMEL Corporation B10011S_05 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
4749C–AUTO–09/05
B10011S
Figure 6-1.
Test Circuit
Figure 6-2.
Application Circuit
The implementation of a power filter and overvoltage clamp as follows is highly recommended:
H/L
H/L
H/L
470
470
470
150k
220
1k8
1k8
580
620
V
IL
B10011S
F
1
F
0
S+
H'
L'
2.5 V
+4.3 V
GND
V
CC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S-
T
x0
R
x0
ER
B
sel
Select
control
Compa-
rators
Error
control
Output
control
2k5
V
DD
V
DD
V
DD
V
DD
V
SS
A
sel
V
CC
V
CC
V
CC
V
CC
V
IH
H
L
M
+5 V
ER
+
+
10 µF
24k
82p
47p
16k
22k
BCX 17
1k8
1k8
1k8
1k8
1k8
1k8
220
270
10µ
40 V
V
DD
0µ1
Resistors:
MELF 0204, 1%, 0.6 W
02075, 1%, TK50
Chip capacitors NPO 0805, 1206, 10%
Ferrite bead BLM 31A601S (Murata)
Common-mode choke coils (SMD):
B82790 S0513 N201 (Siemens)
F2 2x50 µH (Vogt)
ST2001 (Vogt)
Cable LiYY 4 x 1 mm2
Battery ground
Filter ground
Output
control
Compa-
rators
Select
control
Error
control
GND
2.5 V
+4.3 V
Filter for 125 kbit/s operation
5k6
5k6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24k
82p
47p
22k
16k
2n2
150k
A
sel
B
sel
R
x1
R
x0
T
x0
V
CC
V
SS
VCC
V
DD
V
SS
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com