Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HEF4016B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4016B
Description  Quadruple bilateral switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4016B Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4016B Datasheet HTML 1Page - NXP Semiconductors HEF4016B Datasheet HTML 2Page - NXP Semiconductors HEF4016B Datasheet HTML 3Page - NXP Semiconductors HEF4016B Datasheet HTML 4Page - NXP Semiconductors HEF4016B Datasheet HTML 5Page - NXP Semiconductors HEF4016B Datasheet HTML 6Page - NXP Semiconductors HEF4016B Datasheet HTML 7Page - NXP Semiconductors HEF4016B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
January 1995
5
Philips Semiconductors
Product specification
Quadruple bilateral switches
HEF4016B
gates
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP.
MAX.
Propagation delays
Vis → Vos
525
50
ns
note 1
HIGH to LOW
10
tPHL
10
20
ns
15
5
10
ns
520
40
ns
note 1
LOW to HIGH
10
tPLH
10
20
ns
15
5
10
ns
Output disable times
En → Vos
5
90
130
ns
note 2
HIGH
10
tPHZ
80
110
ns
15
75
100
ns
5
85
120
ns
note 2
LOW
10
tPLZ
75
100
ns
15
75
100
ns
Output enable times
En → Vos
540
80
ns
note 2
HIGH
10
tPZH
20
40
ns
15
15
30
ns
540
80
ns
note 2
LOW
10
tPZL
20
40
ns
15
15
30
ns
Distortion, sine-wave
5
%
note 3
response
10
0,08
%
15
0,04
%
Crosstalk between
5
MHz
note 4
any two channels
10
1
MHz
15
MHz
Crosstalk; enable
5
mV
note 5
input to output
10
50
mV
15
mV
OFF-state
5
MHz
note 6
feed-through
10
1
MHz
15
MHz
ON-state frequency
5
MHz
note 7
response
10
90
MHz
15
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com