Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP245P Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TOP245P
Description  17W (25W peak) DVD Recorder Power Supply
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TOP245P Datasheet HTML 1Page - Power Integrations, Inc. TOP245P Datasheet HTML 2Page - Power Integrations, Inc. TOP245P Datasheet HTML 3Page - Power Integrations, Inc. TOP245P Datasheet HTML 4Page - Power Integrations, Inc. TOP245P Datasheet HTML 5Page - Power Integrations, Inc. TOP245P Datasheet HTML 6Page - Power Integrations, Inc. TOP245P Datasheet HTML 7Page - Power Integrations, Inc. TOP245P Datasheet HTML 8Page - Power Integrations, Inc. TOP245P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Power Integrations
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Design Example Report
Title
17W (25W peak) DVD Recorder Power Supply
using TOP245P
Specification
Input: 90 – 265 VAC
Output: 3.4V/2.55A, 5.1V/1.5A, 5.1Vsb/0.85A,
12V/2.8A, 12Vsb/0.4A, -5.3V/0.3A, -5.3Vsb/20mA,
-22Vsb/10mA, +33Vsb/2mA, 3.5V VFD/165mA
Application
DVD Recorder
Author
Power Integrations Applications Department
Document
Number
DER-18
Date
March 30, 2004
Revision
1.0
Summary and Features
This report describes a design for a DVD power supply, featuring the following:
• No heatsinks
• Switched Outputs for Low Standby consumption
• Low cost/ Low parts count
• No Y-cap
• No X-cap
• Meets EMI requirements
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found
at www.powerint.com.


Similar Part No. - TOP245P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP245P POWERINT-TOP245P Datasheet
612Kb / 25P
Title 32W (47W peak) Multiple Output supply
TOP245P POWERINT-TOP245P Datasheet
2Mb / 52P
TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP245P POWERINT-TOP245P Datasheet
2Mb / 52P
Extended Power, Design Flexible EcoSmart, Integrated Off-line Switcher
TOP245P POWERINT-TOP245P Datasheet
3Mb / 54P
Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
October 2020
TOP245P- POWERINT-TOP245P- Datasheet
2Mb / 52P
TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
More results

Similar Description - TOP245P

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3825FS ROHM-BD3825FS Datasheet
200Kb / 6P
Audio Switch IC for DVD Recorder
logo
Power Integrations, Inc...
TNY267P POWERINT-TNY267P Datasheet
171Kb / 16P
11W DVD Power Supply
TNY267P POWERINT-TNY267P_1 Datasheet
424Kb / 20P
9W DVD power supply
TNY266P POWERINT-TNY266P_1 Datasheet
323Kb / 22P
4.9W DVD power supply
logo
Zoran Corporation
ACTIVA150 ZORAN-ACTIVA150 Datasheet
49Kb / 2P
DVD Recorder Multimedia Processor
logo
Power Integrations, Inc...
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
20 W (25 W peak) DVD Supply
logo
ETA-USA
WRT-X-O ETA-USA-WRT-X-O Datasheet
1Mb / 3P
25W & 30W Power Supply
SVA-SC ETA-USA-SVA-SC Datasheet
2Mb / 3P
25W ??Isolated Power Supply
SVA-SD ETA-USA-SVA-SD Datasheet
2Mb / 3P
25W Isolated Power Supply
logo
Panasonic Semiconductor
DMR-ES10EB PANASONIC-DMR-ES10EB Datasheet
5Mb / 71P
DVD Video Recorder Service Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com