Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD06 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SD06
Description  960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SD06 Datasheet(HTML) 2 Page - SG Micro Corp

  SD06 Datasheet HTML 1Page - SG Micro Corp SD06 Datasheet HTML 2Page - SG Micro Corp SD06 Datasheet HTML 3Page - SG Micro Corp SD06 Datasheet HTML 4Page - SG Micro Corp SD06 Datasheet HTML 5Page - SG Micro Corp SD06 Datasheet HTML 6Page - SG Micro Corp SD06 Datasheet HTML 7Page - SG Micro Corp SD06 Datasheet HTML 8Page - SG Micro Corp SD06 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
960μA, 6MHz, Rail-to-Rail I/O
SD06
CMOS Operational Amplifier
SG Micro Corp
www.sg-micro.com
2
PACKAGE/ORDERING INFORMATION
MODEL
PACKAGE
DESCRIPTION
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKING
OPTION
SD06
SOIC-8
-40
℃ to +125℃
SD06/TR
SD06
XXXXX
Tape and Reel, 2500
NOTE: XXXXX = Date Code and Vendor Code.
Green (RoHS & HSF): SG Micro Corp defines "Green" to mean Pb-Free (RoHS compatible) and free of halogen substances. If
you have additional comments or questions, please contact your SGMICRO representative directly.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, +VS to -VS ................................................6V
Input Common Mode Voltage Range
.................................................... (-VS) - 0.3V to (+VS) + 0.3V
Storage Temperature Range ........................-65
℃ to +150℃
Junction Temperature...................................................150
Package Thermal Resistance @ TA = 25
SOIC-8, θJA .............................................................. 125
℃/W
Lead Temperature (Soldering 10sec)
......................................................................................260
ESD Susceptibility
HBM.............................................................................8000V
MM................................................................................. 400V
CDM ............................................................................1000V
RECOMMENDED OPERATING CONDITIONS
Operating Temperature Range .....................-40
℃ to +125℃
OVERSTRESS CAUTION
Stresses beyond those listed may cause permanent damage
to the device. Functional operation of the device at these or
any other conditions beyond those indicated in the
operational section of the specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
ESD SENSITIVITY CAUTION
This integrated circuit can be damaged by ESD if you don’t
pay attention to ESD protection. SGMICRO recommends that
all integrated circuits be handled with appropriate precautions.
Failure to observe proper handling
and installation
procedures can cause damage. ESD damage can range from
subtle performance degradation to complete device failure.
Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause
the device not to meet its published specifications.
DISCLAIMER
SG Micro Corp reserves the right to make any change in
circuit design, specification or other related things if
necessary without notice at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com