Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4N65A8HD Datasheet(PDF) 9 Page - HUAJING MICROELECTRONICS

Part # CS4N65A8HD
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAJING-MICRO [HUAJING MICROELECTRONICS]
Direct Link  http://www.crhj.com.cn
Logo HUAJING-MICRO - HUAJING MICROELECTRONICS

CS4N65A8HD Datasheet(HTML) 9 Page - HUAJING MICROELECTRONICS

Back Button CS4N65A8HD Datasheet HTML 2Page - HUAJING MICROELECTRONICS CS4N65A8HD Datasheet HTML 3Page - HUAJING MICROELECTRONICS CS4N65A8HD Datasheet HTML 4Page - HUAJING MICROELECTRONICS CS4N65A8HD Datasheet HTML 5Page - HUAJING MICROELECTRONICS CS4N65A8HD Datasheet HTML 6Page - HUAJING MICROELECTRONICS CS4N65A8HD Datasheet HTML 7Page - HUAJING MICROELECTRONICS CS4N65A8HD Datasheet HTML 8Page - HUAJING MICROELECTRONICS CS4N65A8HD Datasheet HTML 9Page - HUAJING MICROELECTRONICS CS4N65A8HD Datasheet HTML 10Page - HUAJING MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CS4N65 A8HD
R
W UX I C H I N A R E S O URC ES H U A JI N G MI C R O E LE C T R O N I C S C O . , LT D.
P a g e 9 o f 1 0
2 0 15 V 01
Package Information:
TO-220AB Package
Items
Values(mm)
MIN
MAX
A
10.00
10.60
B
15.0
16.0
B1
8.90
9.50
C
4.30
4.80
C1
2.30
3.10
D
1.20
1.40
E
0.70
0.90
F
0.30
0.60
G
1.17
1.37
H
3.30
3.80
L
12.7
14.7
N
2.34
2.74
Q
2.40
3.00
3.50
3.90



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com