Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CA3141 Datasheet(PDF) 1 Page - Harris Corporation

Part # CA3141
Description  High-Voltage Diode Array For Commercial, Industrial and Military Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3141 Datasheet(HTML) 1 Page - Harris Corporation

  CA3141 Datasheet HTML 1Page - Harris Corporation CA3141 Datasheet HTML 2Page - Harris Corporation CA3141 Datasheet HTML 3Page - Harris Corporation CA3141 Datasheet HTML 4Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Semiconductor
January 1999
CA3141
High-Voltage Diode Array For Commercial,
Industrial and Military Applications
Features
• Matched Monolithic Construction
-VF Match (Each Diode Pair) . . . . 0.55mV At IF = 1mA
• Low Diode Capacitance. . . . . . . 0.3pF (Typ) at VR = 2V
• High Diode-to-Substrate Breakdown. . . . . . . . . 30V (Min)
• Low Reverse (Leakage) Current . . . . . . . 100nA (Max)
Applications
• Balanced Modulators or Demodulators
• Analog Switches
• High-Voltage Diode Gates
• Current Ratio Detectors
Description
The CA3141E High Voltage Diode Array Consists of ten gen-
eral purpose high reverse breakdown diodes. Six diodes are
internally connected to form three common cathode diode
pairs, and the remaining four diodes are internally connected
to form two common anode diode pairs. Integrated circuit
construction assures excellent static and dynamic matching
of the diodes, making the CA3141 extremely useful for a
wide variety of applications in communications and switching
systems.
Pinout
CA3141
(PDIP)
TOP VIEW
Part Number Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3141E
-55 to 125
16 Ld PDIP
E16.3
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
D1
D2
D10
D9
D3
D4
D7
D8
D5
D6
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1999
File Number
906.4
OBSOLETE
PRODUCT
NO RECOMMENDED
REPLA
CEMENT
Call
Central
Applications
1-800-442-7747
or email:
centapp@harris.com


Similar Part No. - CA3141

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA3141E INTERSIL-CA3141E Datasheet
39Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results

Similar Description - CA3141

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
May 2001
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
May 2001
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
May 2001
logo
Harris Corporation
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
For Industrial and Military Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com