Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN74LS138 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SN74LS138
Description  1-of-8 Decoder/ Demultiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS138 Datasheet(HTML) 1 Page - ON Semiconductor

  SN74LS138 Datasheet HTML 1Page - ON Semiconductor SN74LS138 Datasheet HTML 2Page - ON Semiconductor SN74LS138 Datasheet HTML 3Page - ON Semiconductor SN74LS138 Datasheet HTML 4Page - ON Semiconductor SN74LS138 Datasheet HTML 5Page - ON Semiconductor SN74LS138 Datasheet HTML 6Page - ON Semiconductor SN74LS138 Datasheet HTML 7Page - ON Semiconductor SN74LS138 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2001
October, 2001 – Rev. 7
1
Publication Order Number:
SN74LS138/D
SN74LS138
1-of-8 Decoder/
Demultiplexer
The LSTTL/MSI SN74LS138 is a high speed 1-of-8 Decoder/
Demultiplexer. This device is ideally suited for high speed bipolar
memory chip select address decoding. The multiple input enables
allow parallel expansion to a 1-of-24 decoder using just three LS138
devices or to a 1-of-32 decoder using four LS138s and one inverter.
The LS138 is fabricated with the Schottky barrier diode process for
high speed and is completely compatible with all ON Semiconductor
TTL families.
Demultiplexing Capability
Multiple Input Enable for Easy Expansion
Typical Power Dissipation of 32 mW
Active Low Mutually Exclusive Outputs
Input Clamp Diodes Limit High Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
–0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
SOIC
D SUFFIX
CASE 751B
PLASTIC
N SUFFIX
CASE 648
16
1
16
1
SOEIAJ
M SUFFIX
CASE 966
16
1
Device
Package
Shipping
ORDERING INFORMATION
SN74LS138N
16 Pin DIP
2000 Units/Box
SN74LS138D
SOIC–16
38 Units/Rail
SN74LS138DR2
SOIC–16
2500/Tape & Reel
SN74LS138M
SOEIAJ–16
See Note 1
SN74LS138MEL
SOEIAJ–16
1. For ordering information on the EIAJ version of
the SOIC package, please contact your local
ON Semiconductor representative.
See Note 1
http://onsemi.com


Similar Part No. - SN74LS138

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS138 TI-SN74LS138 Datasheet
691Kb / 17P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LS138 TI-SN74LS138 Datasheet
828Kb / 25P
3-LINE TO 8-LINE DECORDERS/DEMULTIPLEXERS
SN74LS138 TI-SN74LS138 Datasheet
1Mb / 23P
3-LINE TO 8-LINE DECODERS / DEMUL TIPLEXERS
SN74LS138 TI1-SN74LS138 Datasheet
1Mb / 22P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74LS138

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
1-OF-8 DECODER/ DEMULTIPLEXER
logo
National Semiconductor ...
54F138DM NSC-54F138DM Datasheet
174Kb / 10P
1-of-8 Decoder/Demultiplexer
logo
NXP Semiconductors
74ALS138 PHILIPS-74ALS138 Datasheet
76Kb / 8P
1-of-8 decoder/demultiplexer
1996 Jul 03
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
1-of-8 Decoder/Demultiplexer
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
1-of-8 Decoder/Demultiplexer
Revised July 2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com