Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L292 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L292
Description  SWITCH-MODE DRIVER FOR DC MOTORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L292 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L292 Datasheet HTML 4Page - STMicroelectronics L292 Datasheet HTML 5Page - STMicroelectronics L292 Datasheet HTML 6Page - STMicroelectronics L292 Datasheet HTML 7Page - STMicroelectronics L292 Datasheet HTML 8Page - STMicroelectronics L292 Datasheet HTML 9Page - STMicroelectronics L292 Datasheet HTML 10Page - STMicroelectronics L292 Datasheet HTML 11Page - STMicroelectronics L292 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
L292
8/13
(DC transfer function from the input of the comparator (VTH) to the motor current (IM)).
Neglecting the VCEsat of the bridge transistors and the VBE of the diodes:
where
: VS = supply voltage VR = 8 V (reference voltage)
(1)
DC TRANSFER FUNCTION
In order to be sure that the current loop is stable the following condition is imposed :
1 + sRC = 1 + s
(pole cancellation)
(2)
from which RC =
LM
(Note that in practice R must greater than 5.6 K
Ω)
The transfer function is then,
(3)
In DC condition, this is reduced to
(4)
OPEN-LOOP GAIN AND STABILITY CRITERION For RC = LM / RM, the open loop gain is:
(5)
In order to achieve good stability, the phase margin must be greater than 45° when | A
β | = 1.
That means that, at fF =
must be | A
β | < 1 (see fig. 7), that is :
G
mo
I
M
V
TH
-----------
s0
=
=
G
mo
1
R
M
--------
2V
s
V
R
----------
=
L
M
R
M
--------
L
M
R
M
--------
I
M
V
I
-----
s
()
R
2 R4
R
1 R3
---------------
G
mo
1sR
F CF
+
G
moRs
sR
4 Cs
2
R
F CF R4 C
++
----------------------------------------------------------------------------------
=
I
M
V
I
-----
s
()
R
2 R4
R
1 R3
---------------
1
R
s
-------
⋅
0.44
R
s
-----------
A
V
----
==
A
β
1
sR
FC
--------------- G
mo
R
s
R
4
-------
R
F
1sR
F CF
+
----------------------------
⋅
G
mo Rs
R
4 C
-------------------
1
s1
sR
FCF
+
()
-------------------------------------
==
1
2
πR
F CF
-----------------------
A
β f
1
2
πR
F CF
-----------------------
G
mo Rs
R
4 C
-------------------
R
FCF
2
---------------
1
<
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com