Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP1122 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1122
Description  1A LOW DROPOUT POSITIVE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1122 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1122 Datasheet HTML 1Page - Diodes Incorporated AP1122 Datasheet HTML 2Page - Diodes Incorporated AP1122 Datasheet HTML 3Page - Diodes Incorporated AP1122 Datasheet HTML 4Page - Diodes Incorporated AP1122 Datasheet HTML 5Page - Diodes Incorporated AP1122 Datasheet HTML 6Page - Diodes Incorporated AP1122 Datasheet HTML 7Page - Diodes Incorporated AP1122 Datasheet HTML 8Page - Diodes Incorporated AP1122 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP1122
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
3 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Block Diagram
3
Thermal
Shutdown
1
2
Vout
GND
1.2V
+
+
CURRENT
LIMIT
Vin
+
+
Pin Descriptions
NAME
I/O
PIN #
FUNCTION
GND
I
1
Ground Pin
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor (0.15Ω ≤ ESR ≤ 20Ω) must
be connected from this pin to ground to insure stability.
Vin
I
3
The input pin of regulator. Typically a large storage capacitor (0.15Ω ≤ ESR ≤ 20Ω) is
connected from this pin to ground to insure that the input voltage does not sag below
the minimum dropout voltage during the load transient response. This pin must
always be 1.3V higher than Vout in order for the device to regulate properly.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
DC Supply Voltage
-0.3 to 12
V
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +125
oC
TM
Maximum Junction Temperature
150
oC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com