Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP431ASAL-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP431ASAL-7
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431ASAL-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP431ASAL-7 Datasheet HTML 1Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 2Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 3Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 4Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 5Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 6Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 7Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 8Page - Diodes Incorporated AP431ASAL-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP431/AP431A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
4 of 14
MARCH 2007
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vcv
Cathode Voltage
+36
V
ICC
Continuous Cathode Current
-10 to +250
mA
IREF
Reference Input Current
10
mA
TOP
Operating Temperature
-20 to +85
oC
TST
Storage Temperature
-65 to +150
oC
SOT23(R)
250
mW
SOT25
250
mW
SC59
400
mW
SOP-8L
600
mW
PD
Power Dissipation
(Notes 6, 7)
TO92-3L
780
mW
Note: 6. TJ, max =150°C
7. Ratings apply to ambient temperature at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com