Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP2004 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2004
Description  PWM BUCK CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2004 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2004 Datasheet HTML 1Page - Diodes Incorporated AP2004 Datasheet HTML 2Page - Diodes Incorporated AP2004 Datasheet HTML 3Page - Diodes Incorporated AP2004 Datasheet HTML 4Page - Diodes Incorporated AP2004 Datasheet HTML 5Page - Diodes Incorporated AP2004 Datasheet HTML 6Page - Diodes Incorporated AP2004 Datasheet HTML 7Page - Diodes Incorporated AP2004 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP2004
PWM BUCK CONTROLLER
AP2004 Rev. 2
1 of 8
DECEMBER 2006
www.diodes.com
© Diodes Incorporated
PWM Buck Control Circuitry
Operating voltage can be up to 27V
Under voltage Lockout (UVLO) Protection
Short Circuit Protection (SCP)
Soft-start circuit
Variable Oscillator Frequency -- 300Khz Max
1.25V voltage reference Output
8-pin SOP package
Lead Free Finish/ RoHS Compliant for Lead Free and
“Green” products (Note 1)
SOP-8L: Available in “Green” Molding Compound (No
Br, Sb)
The AP2004 integrates Pulse-Width-Modulation (PWM) control
circuit into a single chip, mainly designs for power-supply
regulator. All the functions include an on-chip 1.25V reference
output, an error amplifier, an adjustable oscillator, a soft-start,
UVLO, SCP circuitry, and a push-pull output circuit. Switching
frequency is adjustable by trimming CT. During low VCC situation,
the UVLO makes sure that the outputs are off until the internal
circuit operates normally.
Backlight inverter
LCD Monitor
CDROM, XDSL Product
DC/DC converters in computers, etc.
Note: 1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information
Tube
13” Tape and Reel
Device
(Note 2)
Package
Code
Packaging Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP2004S
S
SOP-8L
100
- U
2500/Tape & Reel
-13
AP 2004 X X X
Package
Packing
S: SOP-8L
-U : Tube
-13 : Taping
Lead-Free
G : Green
L : Lead Free


Similar Part No. - AP2004

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
PWM Buck Controller
Rev. 0.4 Arpr 6, 2004
logo
Diodes Incorporated
AP2004 DIODES-AP2004 Datasheet
199Kb / 8P
PWM BUCK CONTROLLER
AP2004 Rev. 3
logo
Anachip Corp
AP2004N ANACHIP-AP2004N Datasheet
175Kb / 8P
PWM Buck Controller
Rev. 0.4 Arpr 6, 2004
AP2004NA ANACHIP-AP2004NA Datasheet
175Kb / 8P
PWM Buck Controller
Rev. 0.4 Arpr 6, 2004
AP2004NL ANACHIP-AP2004NL Datasheet
175Kb / 8P
PWM Buck Controller
Rev. 0.4 Arpr 6, 2004
More results

Similar Description - AP2004

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
PWM Buck Controller
Rev. 0.4 Arpr 6, 2004
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404 Datasheet
131Kb / 5P
PWM Buck Controller
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP2008 DIODES-AP2008 Datasheet
291Kb / 8P
PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
PWM BUCK CONTROLLER
AP2004 Rev. 3
AP2008 DIODES-AP2008_09 Datasheet
125Kb / 8P
PWM BUCK CONTROLLER
AP2008 Rev. 2
logo
Anpec Electronics Corop...
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com