Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP431ASRG-A Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP431ASRG-A
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431ASRG-A Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP431ASRG-A Datasheet HTML 6Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 7Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 8Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 9Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 10Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 11Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 12Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 13Page - Diodes Incorporated AP431ASRG-A Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP431/AP431A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
13 of 14
MARCH 2007
www.diodes.com
© Diodes Incorporated
Package Information
( All Dimensions in mm )
(1) SOT25
(2) SC59
0.10/0.20 Typ 0.15
0.013/0.10
Typ 0.05
0.35/0.55
Typ 0.40
Typ
0.95
2.70/3.00
Typ 2.80
2.90/3.10
Typ 3.00
1.00/1.30
Typ 1.10
Typ
0.55
TOP VIEW
0.35/0.50
0.10/0.20
0.013/0.10
0.35/0.55
0.95
2.70/
3.00
2.90/3.10
1.00/
1.30
1.90
TOP VIEW
0°/8°
(3) SOT23(R)
(4) SOP-8L
3.85/3.95
Typ 3.90
3.80/3.90
Typ 3.85
0.60/0.70
Typ 0.65
0.15/0.25
Typ 0.20
0.60/0.80
Typ 0.70
1.27
4.85/4.95
Typ 4.90
1.40/1.50
Typ 1.45
0.30/0.50
Typ 0.40
5.90/6.10
Typ 6.00
5
4
1
8
0.08/0.25
Typ 0.15
R
0.
1
(All
side
)
9
0.35
°
°
°
°
°
0.37/0.51
0º/8º
0.45/0.60
0.013/
0.10
0.45/0.61
TOP VIEW
0.085/0.180
2.80/3.00
0.89/
1.03
1.80/2.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com