Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP431ASA Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP431ASA
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431ASA Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP431ASA Datasheet HTML 3Page - Diodes Incorporated AP431ASA Datasheet HTML 4Page - Diodes Incorporated AP431ASA Datasheet HTML 5Page - Diodes Incorporated AP431ASA Datasheet HTML 6Page - Diodes Incorporated AP431ASA Datasheet HTML 7Page - Diodes Incorporated AP431ASA Datasheet HTML 8Page - Diodes Incorporated AP431ASA Datasheet HTML 9Page - Diodes Incorporated AP431ASA Datasheet HTML 10Page - Diodes Incorporated AP431ASA Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AP431/AP431A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
7 of 14
MARCH 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Cathode Current vs Cathode Voltage
-100
0
100
-1.5
-0.5
0.5
1.5
2.5
Cathode Voltage (v)
V
KA =Vref
Ta=25oC
Cathode Current (uA) vs Cathode Voltage
-1
Cathode Voltage(v)
-200
200
400
600
0
-0.5
0
0.5
1
1.5
2
2.5
VKA =V
ref
Ta=25oC
Reference Voltage vs Free-Air Temperature
Free-Air Temperature (oC)
2480
2485
2490
2495
2500
-40
80
-30 -20 -10 0 10 20 30 40 50 60 70
Reference Input Current vs Free Temperature
Free-Air Temperature (oC)
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
R1=10K
IKA=10mA
Change in Reference Voltage vs Cathode Voltage
0
5
10
15
20
25
30
Cathode Voltage (V)
-12
-10
-8
-6
-4
-2
0
IKA=10mA
Ta=25oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com