Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW200R10VT Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # SW200R10VT
Description  N-Channel 100 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SW200R10VT Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  SW200R10VT Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SW200R10VT Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
N-Channel 100 V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
Extremely Low Qgd for Switching Losses
•
100 % Rg Tested
•
100 % Avalanche Tested
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Primary Side Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
a
Qg (Typ.)
100
0.020 at VGS = 10 V
10.4
23 nC
0.027 at VGS = 8 V
9.5
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1” x 1” FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 80 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
10.4
A
TC = 70 °C
9.1
TA = 25 °C
8.5b, c
TA = 70 °C
7.5b, c
Pulsed Drain Current
IDM
50
Continuous Source-Drain Diode Current
TC = 25 °C
IS
4.5
TA = 25 °C
2.6b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
20
Single Pulse Avalanche Energy
EAS
20
mJ
Maximum Power Dissipation
TC = 25 °C
PD
5.9
W
TC = 70 °C
3.8
TA = 25 °C
3.1b, c
TA = 70 °C
2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
33
40
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
17
21
SW200R10VT
www.VBsemi.com
服务热线:400-655-8788


Similar Part No. - SW200R10VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW200R10VT SEMIPOWER-SW200R10VT Datasheet
831Kb / 7P
N-channel Enhanced mode TO-252/TO-251/SOP-8 MOSFET
More results

Similar Description - SW200R10VT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
N-Channel 100-V (D-S) MOSFET
25-Dec-01
logo
Guangdong Kexin Industr...
KI2328DS KEXIN-KI2328DS Datasheet
51Kb / 2P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4102DY VISHAY-SI4102DY Datasheet
209Kb / 4P
N-Channel 100-V (D-S) MOSFET
08-Oct-07
SI7454DP VISHAY-SI7454DP_06 Datasheet
196Kb / 4P
N-Channel 100-V (D-S) MOSFET
13-Feb-06
SI7456DDP VISHAY-SI7456DDP Datasheet
482Kb / 13P
N-Channel 100 V (D-S) MOSFET
21-May-12
logo
Analog Power
AM4490NE ANALOGPOWER-AM4490NE Datasheet
364Kb / 5P
N-Channel 100-V (D-S) MOSFET
AM90N10-23P ANALOGPOWER-AM90N10-23P Datasheet
129Kb / 3P
N-Channel 100-V (D-S) MOSFET
AM7412N ANALOGPOWER-AM7412N Datasheet
99Kb / 3P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4190DY-T1-GE3 VISHAY-SI4190DY-T1-GE3 Datasheet
271Kb / 10P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com