Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSG Datasheet(PDF) 1 Page - RFE international

Part # LSG
Description  Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LSG Datasheet(HTML) 1 Page - RFE international

  LSG Datasheet HTML 1Page - RFE international LSG Datasheet HTML 2Page - RFE international LSG Datasheet HTML 3Page - RFE international LSG Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Items
Performance
Category Temperature Range
16 ~ 100V
160 ~ 500V
-40
~ +105
-25
~ +105
Capacitance Tolerance
±20%
(at 120 Hz, 20 )
Leakage Current (at 20 )
Tan (at 120 Hz, 20 )
Rated Voltage
16
25
35
50
63
80
100
160
200
250
350
400
420
450
500
Tan (max)
0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15
Impedance ratio shall not exceed the values given in the table below.
Low Temperature
Characteristics (at 120 Hz)
Rated Voltage
16
25
35
50
63
80 100 160 200 250 350 400 420 450 500
Impedance
Ratio
Z(-25 )/Z(+20 )
4
3
3
2
2
2
4
4
4
4
8
8
8
8
8
Z(-40 )/Z(+20 ) 15
10
8
6
5
5
4
-
-
-
-
-
-
-
-
s
r
H
0
0
0
,
2
e
m
i
T
t
s
e
T
Capacitance Change
Within ±20% of initial value
Endurance
Tan
Less than 200% of specified value
Leakage Current
Within specified value
* The above specifications shall be satisfied when the capacitors are restored to 20
after the rated voltage applied with rated
ripple current for 2,000 hours at 105 .
s
r
H
0
0
0
,
1
e
m
i
T
t
s
e
T
Capacitance Change
Within ±20% of initial value
Shelf Life Test
Tan
Less than 150% of specified value
Leakage Current
Within specified value
* The above specifications shall be satisfied when the capacitors are restored to 20
after exposing them for 1,000 hours at
105
without voltage applied. The rated voltage shall be applied to the capacitors before the measurements (Refer to JIS C
5101-4 4.1).
Case size
Freq.(Hz)
Rated Volt. (V)
50 / 60
100 / 120
500
1k
10k up
Ripple Current and
Frequency Multipliers
100
0.92
1.00
1.13
1.19
1.20
Length
55L
160 ~ 250
0.81
1.00
1.32
1.45
1.50
350
0.77
1.00
1.30
1.41
1.43
Length
60L
160 ~ 450
0.88
1.00
1.20
1.25
1.40
Failure percentage
Failure rate
When the failure percentage / failure rate is required, please contact with us for further discussion.
Aluminum Electrolytic Capacitors
LSG Series: Snap-in Terminal Type, 105
°C
Page 1 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
I = 3√
CV or 1.5 mA whichever is smaller (after 5 minutes)
Where, C = rated capacitance in µF, V = rated DC Rated Voltage in V
δ
δ
δ
δ
8-FEB-2023
Blank or A = 4mm Terminal
B = 6.3mm Terminal
Has a snap-in terminal which can solder to a PCB directly and need not fixture to save processing time
Suitable for electronic equipment with medium-high voltage circuits
Printed circuit board terminal snap-in type and lug terminal type available
105 , 2,000 hours assured
FEATURES
SPECIFICATIONS
PART NUMBER EXAMPLE


Similar Part No. - LSG

ManufacturerPart #DatasheetDescription
logo
Surge Components
LSG SURGE-LSG Datasheet
8Mb / 10P
suap-in terminal type
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
OSRAM GmbH
LSG-A671 OSRAM-LSG-A671 Datasheet
490Kb / 15P
white SMT package, colorless clear resin
LSG-T670 OSRAM-LSG-T670 Datasheet
563Kb / 15P
white P-LCC-4 package, colorless clear resin
LSG-T671 OSRAM-LSG-T671 Datasheet
529Kb / 15P
white P-LCC-4 package, colorless clear resin
More results

Similar Description - LSG

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
105 쨘C Aluminum Electrolytic Snap-In Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
Aluminum Capacitors 105 °C, Snap-In
25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
Aluminum Capacitors 105 °C, Snap-In
26-Aug-08
EYH VISHAY-EYH Datasheet
116Kb / 9P
Aluminum Capacitors Standard - 105 °C Snap-in
14-Feb-08
logo
RFE international
LSG101M2G220300 RFE-LSG101M2G220300 Datasheet
174Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS LSG Series: Snap-in Terminal Type, 105C
logo
Vishay Siliconix
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
Aluminum Capacitors Standard - 105 °C Snap-In
24-May-13
logo
Cornell Dubilier Electr...
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com