Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISF1053 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISF1053
Description  N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISF1053 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISF1053 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISF1053 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISF1053 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISF1053 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISF1053 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ISF1053
N-Channel MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
650
--
--
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.25mA
2.5
--
4.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 15A
--
--
0.12
Ω
IDSS
Zero Gate Voltage Drain Current
VDS= 650V; VGS= 0
--
--
1
uA
IDSS
Zero Gate Voltage Drain Current
VDS= 650V; VGS= 0;
TJ = 150°C
--
--
100
uA
IGSS
Gate-Body Leakage Current
VGS= ±30V;VDS= 0
--
--
±
100
nA
Ciss
Input Capacitance
VGS = 0V,
VDS = 100V,
f = 1.0MHz
--
1953
--
pF
Coss
Output Capacitance
--
172
--
Crss
Reverse Transfer Capacitance
--
1.25
--
Qg
Total Gate Charge
VDD = 520V,
ID = 25A,
VGS = 10V
--
56
--
nC
Qgs
Gate-Source Charge
--
15.5
--
Qgd
Gate-Drain Charge
--
20.5
--
td(on)
Turn-on Delay Time
VDD = 300V,
ID = 25A,
RG = 25Ω,
--
55
--
ns
tr
Turn-on Rise Time
--
196
--
td(off)
Turn-off Delay Time
--
79
--
tf
Turn-off Fall Time
--
70
--
Drain - Source Body Diode Characteristics
VSD
Diode Forward Voltage
ISD= 15A; VGS= 0V
--
--
1.2
V
trr
Reverse Recovery Time
VDD = 400V,IF = IS,
diF/dt = 100A /μs
--
185
--
ns
Qrr
Reverse Recovery Charge
--
1.0
--
μC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com