Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CDLL944B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CDLL944B
Description  TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL944B Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL944B Datasheet HTML 1Page - Microsemi Corporation CDLL944B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ +50°C
Power Derating: 4 mW / °C above +50°C
REVERSE LEAKAGE CURRENT
lR = 15 µA @ 25°C & VR = 8 Vdc
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
CDI
ZENER
ZENER
MAXIMUM
VOLTAGE
TEMPERATURE
EFFECTIVE
TYPE
VOLTAGE
TEST
ZENER
TEMPERATURE
RANGE
TEMPERATURE
NUMBER
CURRENT
IMPEDANCE
STABILITY
COEFFICIENT
VZ @ I ZT
I ZT
ZZT
V ZT
MAXIMUM
(Note 1)
(Note 2)
VOLTS
mA
OHMS
mV
°C
% / °C
CDLL941
11.12 - 12.28
7.5
30
88
0 to + 75
0.01
CDLL941A
11.12 - 12.28
7.5
30
181
-55 to +100
0.01
CDLL941B
11.12 - 12.28
7.5
30
239
-55 to +150
0.01
CDLL942
11.12 - 12.28
7.5
30
44
0 to + 75
0.005
CDLL942A
11.12 - 12.28
7.5
30
90
-55 to +100
0.005
CDLL942B
11.12 - 12.28
7.5
30
120
-55 to +150
0.005
CDLL943
11.12 - 12.28
7.5
30
18
0 to + 75
0.002
CDLL943A
11.12 - 12.28
7.5
30
36
-55 to +100
0.002
CDLL943B
11.12 - 12.28
7.5
30
47
-55 to +150
0.002
CDLL944
11.12 - 12.28
7.5
30
9
0 to + 75
0.001
CDLL944A
11.12 - 12.28
7.5
30
18
-55 to +100
0.001
CDLL944B
11.12 - 12.28
7.5
30
24
-55 to +150
0.001
CDLL945
11.12 - 12.28
7.5
30
4
0 to + 75
0.0005
CDLL945A
11.12 - 12.28
7.5
30
9
-55 to +100
0.0005
CDLL945B
11.12 -12.28
7.5
30
12
-55 to +150
0.0005
• 1N941BUR-1, 1N943UR-1B, 1N944BUR-1 AND 1N945BUR-1 AVAILABLE IN
JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/157
• TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
• LEADLESS PACKAGE FOR SURFACE MOUNT
• 11.7 VOLT NOMINAL ZENER VOLTAGE
• METALLURGICALLY BONDED, DOUBLE PLUG CONSTRUCTION
1N941BUR-1 thru1N945BUR-1
and
CDLL941 thru CDLL945B
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.
NOTE 1
Zener impedance is derived by superimposing on lZT A 60Hz rms a.c.
current equal to 10% of lZT.
NOTE 2
The maximum allowable change observed over the entire temperature range i.e.,
the diode voltage will not exceed the specified mV at any discrete temperature
between the established limits, per JEDEC standard No.5.
101


Similar Part No. - CDLL944B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL944B CDI-DIODE-CDLL944B Datasheet
121Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Similar Description - CDLL944B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N935BUR-1 CDI-DIODE-1N935BUR-1 Datasheet
51Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
JAN1N821-1 MICROSEMI-JAN1N821-1 Datasheet
364Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4565 MICROSEMI-1N4565 Datasheet
257Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 MICROSEMI-1N941_03 Datasheet
127Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com