Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISF1054 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISF1054
Description  SiC N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISF1054 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISF1054 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISF1054 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISF1054 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISF1054 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISF1054 Datasheet HTML 5Page - Inchange Semiconductor Company Limited ISF1054 Datasheet HTML 6Page - Inchange Semiconductor Company Limited ISF1054 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ISF1054
eq SCT070W120G3AG
SiC N-Channel MOSFET
www.iscsemi.com
3
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
Eon
Turn-on switching losses
VGS= - 4to +15V
ID= 20A,
VDD= 800V,
Rg= 0Ω,
L=120uH
--
270
--
mJ
Eoff
Turn-off switching losses
--
35
--
Rg
Gate resistance
VAC = 25mV, f=1MHz
--
1.5
--
Ω
SOURCE-DRAIN BODY DIODE CHARACTERISTICS
Drain - Source Body Diode Characteristics
VSD
Diode Forward Voltage
ISD= 10A; VGS= -4V;TJ= 25℃
--
4.3
--
V
ISD= 10A; VGS= -4V;TJ= 175℃
--
3.8
--
trr
Reverse Recovery Time
VR = 800V, VGS = -4V
ID = 20A
di/dt = 700A/μS
TJ = 150°C
--
41
--
ns
Qrr
Reverse Recovery Charge
--
405
--
nC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com