Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMSTA92 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMSTA92
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSTA92 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMSTA92 Datasheet HTML 1Page - Diodes Incorporated MMSTA92 Datasheet HTML 2Page - Diodes Incorporated MMSTA92 Datasheet HTML 3Page - Diodes Incorporated MMSTA92 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30174 Rev. 8 - 2
2 of 4
MMSTA92
www.diodes.com
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
V(BR)CBO
-300
¾
V
IC = -100
mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-300
¾
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
¾
V
IE = -100
mA, IC = 0
Collector Cutoff Current
ICBO
¾
-250
nA
VCB = -200V, IE = 0
Collector Cutoff Current
IEBO
¾
-100
nA
VCE = -3.0V, IC = 0
ON CHARACTERISTICS (Note 5)
DC Current Gain
hFE
25
40
25
¾¾
IC = -1.0mA, VCE = -10V
IC = -10mA, VCE = -10V
IC = -30mA, VCE = -10V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
-0.5
V
IC = -20mA, IB = -2.0mA
Base-Emitter Saturation Voltage
VBE(SAT)
¾
-0.9
V
IC = -20mA, IB = -2.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Ccb
¾
6.0
pF
VCB = -20V, f = 1.0MHz, IE = 0
Current Gain-Bandwidth Product
fT
50
¾
MHz
VCE = -20V, IC = -10mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
Ordering Information
(Note 4 and 6)
Device
Packaging
Shipping
MMSTA92-7-F
SOT-323
3000/Tape & Reel
Notes:
4. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to
Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. Short duration test pulse used to minimize self-heating effect.
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K3R
K3R = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
JK
L
M
N
P
R
ST
U
V
W
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com