Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH6012 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH6012
Description  Ultrafast recovery - 1200 V diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6012 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH6012 Datasheet HTML 1Page - STMicroelectronics STTH6012 Datasheet HTML 2Page - STMicroelectronics STTH6012 Datasheet HTML 3Page - STMicroelectronics STTH6012 Datasheet HTML 4Page - STMicroelectronics STTH6012 Datasheet HTML 5Page - STMicroelectronics STTH6012 Datasheet HTML 6Page - STMicroelectronics STTH6012 Datasheet HTML 7Page - STMicroelectronics STTH6012 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH6012
Characteristics
3/8
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25° C
125
ns
IF = 1 A, dIF/dt = -100 A/µs,
VR = 30 V, Tj = 25° C
63
85
IF = 1 A, dIF/dt = -200 A/µs,
VR = 30 V, Tj = 25° C
50
70
IRM
Reverse recovery current
IF = 60 A, dIF/dt = -200 A/µs,
VR = 600 V, Tj = 125° C
32
45
A
S
Softness factor
IF = 60 A, dIF/dt = -200 A/µs,
VR = 600 V, Tj = 125° C
1
tfr
Forward recovery time
IF = 60 A
dIF/dt = 100 A/µs
VFR = 1.5 x VFmax, Tj = 25° C
750
ns
VFP
Forward recovery voltage
IF = 60 A, dIF/dt = 100 A/µs,
Tj = 25° C
4.5
V
Figure 1.
Conduction losses versus
average current
Figure 2.
Forward voltage drop versus
forward current
0
20
40
60
80
100
120
140
160
0
1020
3040
50
607080
P(W)
T
δ=tp/T
tp
δ = 0.05
δ = 1
I
(A)
F(AV)
δ = 0.1
δ = 0.2
δ = 0.5
0
20
40
60
80
100
120
140
160
180
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
(A)
FM
V
(V)
FM
T = 25°C
(maximum values)
j
T =150°C
(maximum values)
j
T =150°C
(typical values)
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com