Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM29F200B Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM29F200B
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200B Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM29F200B_01 Datasheet HTML 1Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 2Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 3Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 4Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 5Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 6Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 7Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 8Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SUPPLEMENT
Publication# 21257
Rev: D Amendment/+4
Issue Date: June 27, 2001
Am29F200B Known Good Die
2 Megabit (256 K x 8-Bit/128 K x 16-Bit)
CMOS 5.0 Volt-only, Sectored Flash Memory—Die Revision 1
DISTINCTIVE CHARACTERISTICS
■ 5.0 V ± 10% for read and write operations
— Minimizes system level power requirements
■ Manufactured on 0.32 µm process technology
— Compatible with 0.5 µm Am29F200A device
■ High performance
— 70, 90, or 120 ns access time
■ Low power consumption
— 20 mA typical active read current (byte mode)
— 28 mA typical active read current for
(word mode)
— 30 mA typical program/erase current
— 1 µA typical standby current
■ Sector erase architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
three 64 Kbyte sectors (byte mode)
— One 8 Kword, two 4 Kword, one 16 Kword, and
three 32 Kword sectors (word mode)
— Supports full chip erase
— Sector Protection features:
A hardware method of locking a sector to prevent
any program or erase operations within that
sector
Sectors can be locked via programming
equipment
Temporary Sector Unprotect feature allows code
changes in previously locked sectors
■ Top or bottom boot block configurations
available
■ Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
■ Minimum 1,000,000 write/erase cycles
guaranteed
■ Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash
— Superior inadvertent write protection
■ Data# Polling and Toggle Bit
— Detects program or erase cycle completion
■ Ready/Busy# output (RY/BY#)
— Hardware method for detection of program or
erase cycle completion
■ Erase Suspend/Resume
— Supports reading data from a sector not being
erased
■ Hardware RESET# pin
— Resets internal state machine to the reading
array data
■ 20-year data retention at 125°C
■ Tested to datasheet specifications at
temperature
— Contact AMD for higher temperature range
devices
■ Quality and reliability levels equivalent to
standard packaged components
■ Shipped in waffle pack, surftape, and unsawn
wafer
■ 500 µm die/wafer thickness



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com