Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EUW-100DXXXDX Datasheet(PDF) 8 Page - Inventronics Inc.

Part # EUW-100DXXXDX
Description  100W Programmable IP66 /IP67 Tunable White Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUW-100DXXXDX Datasheet(HTML) 8 Page - Inventronics Inc.

Back Button EUW-100DXXXDX Datasheet HTML 4Page - Inventronics Inc. EUW-100DXXXDX Datasheet HTML 5Page - Inventronics Inc. EUW-100DXXXDX Datasheet HTML 6Page - Inventronics Inc. EUW-100DXXXDX Datasheet HTML 7Page - Inventronics Inc. EUW-100DXXXDX Datasheet HTML 8Page - Inventronics Inc. EUW-100DXXXDX Datasheet HTML 9Page - Inventronics Inc. EUW-100DXXXDX Datasheet HTML 10Page - Inventronics Inc. EUW-100DXXXDX Datasheet HTML 11Page - Inventronics Inc. EUW-100DXXXDX Datasheet HTML 12Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8 / 19
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
100W Programmable IP66/IP67 Tunable White Driver
EUW-100DxxxDx
Rev.B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Total Harmonic Distortion
Protection Functions
Parameter
Notes
Over Temperature Protection
Decreases output current, returning to normal after over temperature is removed.
Short Circuit Protection
Auto Recovery. No damage will occur when any output is short circuited. The output
shall return to normal when the fault condition is removed.
Over Voltage Protection
Limits output voltage at no load and in case the normal voltage limit fails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com