Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMCT03 Datasheet(PDF) 6 Page - SMSC Corporation

Part # EMCT03
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button EMCT03_05 Datasheet HTML 2Page - SMSC Corporation EMCT03_05 Datasheet HTML 3Page - SMSC Corporation EMCT03_05 Datasheet HTML 4Page - SMSC Corporation EMCT03_05 Datasheet HTML 5Page - SMSC Corporation EMCT03_05 Datasheet HTML 6Page - SMSC Corporation EMCT03_05 Datasheet HTML 7Page - SMSC Corporation EMCT03_05 Datasheet HTML 8Page - SMSC Corporation EMCT03_05 Datasheet HTML 9Page - SMSC Corporation EMCT03_05 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
Revision 2.3 (04-19-05)
6
SMSC EMCT03
DATASHEET
Chapter 3 Product Description
The EMCT03 is an SMBus sensor that is capable of monitoring three temperature zones. The part
may be used as a companion to one of SMSC’s broad line of SIO host circuits, or other devices
capable of performing the SMBus host function.
Figure 3.1 System Overview
In cooperation with the host device, thermal management can be performed as outlined in Figure 3.1
above. Thermal management consists of the host reading the temperature data from the remote and
internal temperature diodes of the EMCT03 and controlling the speed of one or multiple fans. Since
the EMCT03 incorporates one internal and two external temperature diodes, three separate thermal
zones can be monitored and controlled with this application. Also, measured temperature levels can
quickly be compared to preset limits within the host device which in turn will take the appropriate action
when values are found to be out of limit.
The EMCT03 has two basic modes of operation:
Run Mode: In this mode, the EMCT03 continuously converts temperature data and updates its
registers. The conversion rate is configured by the lower bits in the configuration register as
described in Table 3.11, "Configuration Register, Conversion Rate," on page 11.
Standby Mode: In this mode, the EMCT03 is powered down, drawing a maximum current of only
3uA. The SMBus is still operational and a one-shot command can be given which will force the
circuit to complete one full set of temperature conversions. The EMCT03 will return to Standby
Mode after the one shot conversion has finished.
3.1
Temperature Monitors
Thermal diode temperature measurements are based on the change in forward bias voltage of a diode
when operated at two different currents:
where:
K is Boltzmann’s constant
T is Absolute Temperature in Kelvin
q is Charge Electron
n is Diode Ideality factor
The change in forward bias voltage is now proportional to absolute temperature T.
EMCT03
Host
(SMSC SIO)
SMBus
Interface
DP1
DN1
SMBus
Internal
Diode
DP2
DN2


=
low
high
low
be
high
be
I
I
q
KT
n
V
V
ln
_
_
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com