Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMCT03-ACZL Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMCT03-ACZL
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03-ACZL Datasheet(HTML) 1 Page - SMSC Corporation

  EMCT03-ACZL Datasheet HTML 1Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 2Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 3Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 4Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 5Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 6Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 7Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 8Page - SMSC Corporation EMCT03-ACZL Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SMSC EMCT03
DATASHEET
Revision 2.3 (04-19-05)
Datasheet
EMCT03
1°C Triple SMBus
Temperature Sensor
General Description
The EMCT03 is a System Management Bus (SMBus)
temperature sensor that is capable of monitoring three
temperature zones. The three temperature zones
consist of two external and one internal temperature
diode. The internal 11 bit sigma-delta ADC architecture
with digital filtering attributes to superb linearity and
immunity to interference and noise. An extended
temperature format may be selected for compatibility
with a broad range of CPUs. Selectable conversion
rates and standby mode support low-power operation.
Features
Low Power; 3.0V to 3.6V Supply
— Programmable conversion rate
— < 1mA at 16 Conversions per Second
— < 3uA in Standby Mode
SMBus 2.0 Compliant interface
Two External Temperature Monitors:
— Range -64
°C to +191°C
— 0.125
°C resolution
±1°C Accuracy 40°C to 80°C
— Diode Fault Reporting
Internal Temperature Monitor
— Range 0
°C to +85°C
— 0.125
°C resolution
±3°C Accuracy 0°C to 85°C
Programmable Conversion Rate
MSOP-8 3x3mm Package; Green, Lead-Free
Package also available.
Simplified Block Diagram
EMCT03
Local Temp
Diode
Switching
Current
SMCLK
Local Temp
Register
Configuration
Register
Status Register
Remote Temp
Register 1
Remote Temp
Register 2
SMDATA
11-bit
Sigma Delta
ADC
DP1
DN1
DP2
DN2
Digital Mux
and
Byte Interlock


Similar Part No. - EMCT03-ACZL

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMCT03-ACZL SMSC-EMCT03-ACZL Datasheet
201Kb / 3P
1C TRIPLE SMBUS TEMPERATURE SENSOR
More results

Similar Description - EMCT03-ACZL

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMCT03 SMSC-EMCT03 Datasheet
201Kb / 3P
1C TRIPLE SMBUS TEMPERATURE SENSOR
EMC1033 SMSC-EMC1033_07 Datasheet
824Kb / 25P
1째C Triple SMBus Sensor with Resistance Error Correction
EMC1187 SMSC-EMC1187 Datasheet
525Kb / 47P
Triple Channel 1째C Temperature Sensor with Hardware
EMC1183 SMSC-EMC1183 Datasheet
539Kb / 48P
Triple Channel 1째C Temperature Sensor
EMC1063 SMSC-EMC1063_08 Datasheet
410Kb / 26P
1째C Triple Temperature Sensor
EMC1053 SMSC-EMC1053_08 Datasheet
437Kb / 28P
1째C Triple Temperature Sensor
EMC1043 SMSC-EMC1043_08 Datasheet
443Kb / 29P
1째C Triple Temperature Sensor
EMC1033 SMSC-EMC1033_08 Datasheet
226Kb / 24P
1째C Triple SMBus Sensor
EMC1002 SMSC-EMC1002_07 Datasheet
347Kb / 21P
1째C Dual SMBus Sensor
logo
Microchip Technology
EMC1187 MICROCHIP-EMC1187 Datasheet
525Kb / 47P
Triple Channel 1째C Temperature Sensor with Hardware
Revision 1.0 07-11-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com