Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FBC Datasheet(PDF) 3 Page - SIKA BUILDING TRUST

Part # FBC
Description  Parex Fine Bedding Concrete (FBC)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIKA [SIKA BUILDING TRUST]
Direct Link  https://gbr.sika.com/
Logo SIKA - SIKA BUILDING TRUST

FBC Datasheet(HTML) 3 Page - SIKA BUILDING TRUST

  FBC Datasheet HTML 1Page - SIKA BUILDING TRUST FBC Datasheet HTML 2Page - SIKA BUILDING TRUST FBC Datasheet HTML 3Page - SIKA BUILDING TRUST  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APPLICATION INSTRUCTIONS
SUBSTRATE PREPARATION
Contact surfaces must be sound, clean and provide a
good mechanical key. Remove any loose material, lait-
ance, plaster, paint and oily deposits.
SUBSTRATE QUALITY / PRE-TREATMENT
Prepare a priming scrub coat of Parex Bond Plus Mor-
tar. Prime the prepared substrate and the underside
of the paving units with the priming scrub coat using a
stiff bristle brush. Apply the Parex Fine Bedding Con-
crete (FBC) before the priming coat has dried (i.e.
'wet-on-wet').
MIXING
Mixing of bagged Parex Fine Bedding Concrete (FBC)
requires a forced action mixer such as a Creteangle.
Pour the recommended amount of clean water into a
suitable mixing vessel. Gradually add the powder and
mix thoroughly until a homogeneous product is
achieved. Once mixed, apply within the pot life. Addi-
tional water should not be added to 'revive' the
product past its pot life.
APPLICATION
Apply the mixed Parex Fine Bedding Concrete (FBC) to
the primed substrate before the priming coat has
dried (i.e. 'wet-on-wet'). Compact the Parex Fine Bed-
ding Concrete (FBC) to ensure good contact with the
underlying primed surface. It is advisable to dip setts /
cubes in water to clean them prior to priming. Prime
the back / underside of the paving units being used
and place the units onto the wet Parex Fine Bedding
Concrete (FBC) and adjust the levels as required. Al-
ways ensure that the Parex Fine Bedding Concrete
(FBC) layer is fully compacted.
Application thickness of the Parex Fine Bedding Con-
crete (FBC) should be in the range of 30 mm to 75 mm
(40 mm is typical for most applications). In situations
where thick layers are required to be built up, the sur-
face of the lower layer should be left with a wood float
finish and should be scored. Subsequent Parex Bond
Plus Mortar and Parex Fine Bedding Concrete (FBC)
layers may be applied as soon as the initial layer is
firm enough not to distort under the new work.
CURING TREATMENT
In temperate ambient conditions, no special curing is
required. In severe drying conditions of high temper-
atures and high wind, the paved surface should be
sprayed with water to assist with temperature control
of the paving surface and provide water for additional
curing of the Parex Fine Bedding Concrete (FBC).
CLEANING OF EQUIPMENT
Clean all tools and application equipment with water
immediately after use. Hardened / cured material can
only be mechanically removed.
LOCAL RESTRICTIONS
Please note that as a result of specific local regulations
the declared data for this product may vary from
country to country. Please consult the local Product
Data Sheet for the exact product data.
LEGAL NOTES
The information, and, in particular, the recommenda-
tions relating to the application and end-use of Sika
products, are given in good faith based on Sika's cur-
rent knowledge and experience of the products when
properly stored, handled and applied under normal
conditions in accordance with Sika's recommenda-
tions. In practice, the differences in materials, sub-
strates and actual site conditions are such that no war-
ranty in respect of merchantability or of fitness for a
particular purpose, nor any liability arising out of any
legal relationship whatsoever, can be inferred either
from this information, or from any written recom-
mendations, or from any other advice offered. The
user of the product must test the product’s suitability
for the intended application and purpose. Sika re-
serves the right to change the properties of its
products. The proprietary rights of third parties must
be observed. All orders are accepted subject to our
current terms of sale and delivery. Users must always
refer to the most recent issue of the local Product
Data Sheet for the product concerned, copies of which
will be supplied on request.
SIKA LIMITED
Watchmead
Welwyn Garden City
Hertfordshire, AL7 1BQ
Tel: 01707 394444
Web: www.sika.co.uk
Twitter: @SikaLimited
ParexFineBeddingConcreteFBC-en-GBPAREX-(11-2023)-2-1.pdf
Product Data Sheet
Parex Fine Bedding Concrete (FBC)
November 2023, Version 02.01
020201010030000119
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com