Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MONOREX-GF Datasheet(PDF) 1 Page - SIKA BUILDING TRUST

Part # MONOREX-GF
Description  Parex® MONOREX GF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIKA [SIKA BUILDING TRUST]
Direct Link  https://gbr.sika.com/
Logo SIKA - SIKA BUILDING TRUST

MONOREX-GF Datasheet(HTML) 1 Page - SIKA BUILDING TRUST

  MONOREX-GF Datasheet HTML 1Page - SIKA BUILDING TRUST MONOREX-GF Datasheet HTML 2Page - SIKA BUILDING TRUST MONOREX-GF Datasheet HTML 3Page - SIKA BUILDING TRUST MONOREX-GF Datasheet HTML 4Page - SIKA BUILDING TRUST  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Data Sheet
Parex® MONOREX GF
December 2021, Version 01.01
021810200000000006
PRODUCT DATA SHEET
Parex® MONOREX GF
One Coat Through Coloured Render
DESCRIPTION
A through coloured, one coat, semi-lightweight,
weather resistant and breathable decorative render
USES
As an external render for application onto vertical ma-
sonry and concrete walls.
CHARACTERISTICS / ADVANTAGES
Fine Grain Finish
Available in a range of 48 colours and a range of fin-
ishing options
Suitable for diesel and electric spray machines
APPROVALS / CERTIFICATES
EN998-1
BBA Certificate 21/5888
PRODUCT INFORMATION
Composition
COMPOSITION
Hydraulic mortar containing:
Cement, lime, siliceous and calcareous sands, mineral pigments and spe-
cific admixtures.
Packaging
25 kg bags
Shelf life
12 Months from date of manufacture
Storage conditions
Dry frost free conditions
Appearance and colour
COLOURS
Available in a range of 48 colours
FINISHES
Fine Scraped
Spray Textured - from tyrolean style to heavy roughcast effect.
Smoothed Spray Textured
For additional information refer to the data sheet on Textured Mineral Fin-
ishes.
Maximum grain size
Granulometry: 0 - 1.6 mm
Compressive strength
CS II
Capillary absorption
W2
Reaction to fire
A1
Mixing ratio
5.2-6.3 L per 25 kg bag
1 / 4


Similar Part No. - MONOREX-GF

ManufacturerPart #DatasheetDescription
logo
SIKA BUILDING TRUST
MONOREX-GM SIKA-MONOREX-GM Datasheet
743Kb / 4P
Parex® MONOREX GM
January 2022, Version 01.01
More results

Similar Description - MONOREX-GF

ManufacturerPart #DatasheetDescription
logo
SIKA BUILDING TRUST
1515 SIKA-1515 Datasheet
997Kb / 3P
Parex BBLUL 1515
Version 01.03
3000 SIKA-3000 Datasheet
509Kb / 2P
Parex® MICROGOBETIS 3000
January 2022, Version 01.01
355-AVU SIKA-355-AVU Datasheet
478Kb / 3P
Parex® 355 AVU Reinforcing Mesh
January 2022, Version 01.01
EHI-GF SIKA-EHI-GF Datasheet
713Kb / 3P
Parex® EHI GF
January 2022, Version 01.01
EHI-GM SIKA-EHI-GM Datasheet
694Kb / 3P
Parex® EHI GM
January 2022, Version 01.01
MAITE-D SIKA-MAITE-D Datasheet
593Kb / 3P
Parex MAITE-D
December 2021, Version 01.01
MONOGRIS-E SIKA-MONOGRIS-E Datasheet
695Kb / 4P
Parex® MONOGRIS E
December 2021, Version 01.01
MONOREX-GM SIKA-MONOREX-GM Datasheet
743Kb / 4P
Parex® MONOREX GM
January 2022, Version 01.01
MORTAR-KL SIKA-MORTAR-KL Datasheet
568Kb / 2P
Parex Historic Mortar KL
January 2022, Version 01.01
SUPER-FG SIKA-SUPER-FG Datasheet
111Kb / 3P
Parex Super FG
February 2021, Version 01.01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com