Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1SS355 Datasheet(PDF) 1 Page - RFE international

Part # 1SS355
Description  Small-Signal Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

1SS355 Datasheet(HTML) 1 Page - RFE international

  1SS355 Datasheet HTML 1Page - RFE international 1SS355 Datasheet HTML 2Page - RFE international 1SS355 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VR 80V
IFAV 150mA
Extreme fast switches
Package: SOD323
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: Cathode line denotes the cathode end
Marking: A
PARAMETER
SYMBOL
UNIT
Conditions
VALUE
Repetitive peak reverse voltage
VRRM
0
9
V
Maximum DC Blocking
VDC
0
8
V
Peak forward surge current
IFSM
t
A
p
=1
2
s
Average forward current
IFAV
0
5
1
A
m
Power dissipation
Ptot
0
0
2
W
m
Maximum junction temperature
Tj
0
5
1
+
o
t
5
6
-
Storage temperature range
Tstg
0
5
1
+
o
t
5
6
-
PARAMETER
SYMBOL
UNIT
Conditions
VALUE
Maximum Forward voltage
VF
I
V
m
F
0
0
2
1
A
m
0
0
1
=
I
t
n
e
rr
u
c
e
s
r
e
v
e
R
m
u
m
i
x
a
M
R
V
A
n
R
0
0
1
V
0
8
=
Minimum Breakdown voltage
VR
I
V
R=1
0
8
A
Maximum Diode capacitance
CD
V
F
p
R=6.0V, f =1MHZ
0
.
3
Maximum Reverse recovery time
trr
I
s
n
F=10mA,VR
4
V
6
=
Small-Signal Switching Diodes
1SS355
SOD 323
S-S1328
15-12-2021
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
1SS355
F2
Approximate 0.004
3000
30000
120000
7” reel
PACKAGING INFORMATION


Similar Part No. - 1SS355

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS355 ROHM-1SS355 Datasheet
61Kb / 2P
Silicon Epitaxial Planar High-Speed Switching Diodes
1SS355 ROHM-1SS355 Datasheet
247Kb / 4P
Switching diode
logo
Weitron Technology
1SS355 WEITRON-1SS355 Datasheet
445Kb / 3P
Surface Mount Switching Diode
logo
Tak Cheong Electronics ...
1SS355 TAK_CHEONG-1SS355 Datasheet
197Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
More results

Similar Description - 1SS355

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes
CDST-7000-G COMCHIP-CDST-7000-G_12 Datasheet
67Kb / 2P
Small Signal Switching Diodes
CDSV3-16-G COMCHIP-CDSV3-16-G_12 Datasheet
110Kb / 4P
Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
Small Signal Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com