Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT8277 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8277
Description  Multiphase Current Mode Step-Up DC/DC Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8277 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8277 Datasheet HTML 12Page - Analog Devices LT8277 Datasheet HTML 13Page - Analog Devices LT8277 Datasheet HTML 14Page - Analog Devices LT8277 Datasheet HTML 15Page - Analog Devices LT8277 Datasheet HTML 16Page - Analog Devices LT8277 Datasheet HTML 17Page - Analog Devices LT8277 Datasheet HTML 18Page - Analog Devices LT8277 Datasheet HTML 19Page - Analog Devices LT8277 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Data Sheet
LT8277
analog.com
Rev 0
16 of 31
p >>= 1;
++i;
}
return ((x ^ 1)<<12) | in;
}
Inductor Selection
Select inductors with a saturation current higher than the programmed inductor current limit with some margin. The
inductance requirements will change based on switching frequency, programmed current limit, and input voltage.
Use Equation 1 to estimate the inductance needed for each phase. Additional margin is recommended.
������������ >
������������������
0.3������������������������������������
������������
(1)
If parallel RC current sensing is to be used, be sure to select an inductor with reasonable limits on its equivalent
series resistance. A table of manufacturers appears in Table 6.
Table 6. Recommended Inductor Vendors
NAME
WEBSITE
Wurth Elektronik
www.we-online.com
TDK
www.tdk.com
Vishay
www.vishay.com
Coilcraft
www.coilcraft.com
Input Capacitor Selection
The input capacitor supplies transient current to the part and power stage. The X7R type ceramic chip capacitor is
often the best choice. Choose capacitors with a voltage rating around 60% higher than the maximum input voltage
the part will see. For a boost or SEPIC converter, the input capacitor can often be smaller than the output capacitor.
Use Equation 2 to choose an input capacitor. This relationship assumes that the inductor was selected using the
above guidance. Here, n represents the number of phases. Additional margin is recommended.
������������������ >
0.15 ∙ ������������,������������������
������ ∙ ������������������������������������������ ∙ ������
������������
(2)
The current flowing in the input capacitor of a boost converter is typically lower than the current flowing in the output
capacitor. A normalized plot of peak-to-peak current flowing in the input capacitor appears in Figure 29.
Normalized to:
������������������
������ · ������
������������
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com