Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRMA080507DR005FA Datasheet(PDF) 7 Page - RFE international

Part # LRMA080507DR005FA
Description  SURFACE MOUNT RESISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRMA080507DR005FA Datasheet(HTML) 7 Page - RFE international

  LRMA080507DR005FA Datasheet HTML 1Page - RFE international LRMA080507DR005FA Datasheet HTML 2Page - RFE international LRMA080507DR005FA Datasheet HTML 3Page - RFE international LRMA080507DR005FA Datasheet HTML 4Page - RFE international LRMA080507DR005FA Datasheet HTML 5Page - RFE international LRMA080507DR005FA Datasheet HTML 6Page - RFE international LRMA080507DR005FA Datasheet HTML 7Page - RFE international LRMA080507DR005FA Datasheet HTML 8Page - RFE international LRMA080507DR005FA Datasheet HTML 9Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RoHS
SURFACE MOUNT RESISTORS
LRMA Series: Metal Alloy, Very Low Resistance
Page 7 of 9
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
TEST PROCEDURES : for Jumper
SOLDERING PROFILE
Peak: 250
ºC
+5
0
230ºC or higher
250
200
150
100
50
soldering zone
30 ± 10s
Heating Time
REFLOW Soldering
180ºC
150ºC
90 ± 30s
Pre Heating Zone
WAVE Soldering
2022.03.23
Test Item
Test Method
Procedure
Requirement
Short Time Overload
JIS-C-5201-1 4.13
IEC-60115-1 4.13
4 times of rated power for 5 seconds.
≤ 0.2mΩ
Temperature
Cycling
JESD22 Method
JA-104
1000 Cycles (-55°C to 155°C). Measurement at 24±4
hours after test conclusion. 30 minutes maximum dwell
time at each temperature extreme
≤ 0.2mΩ
High Temperature
Exposure (Storage)
JIS-C-5201-1 4.25
IEC-60068-2-2
At 170°C for 1,000 hours
≤ 0.2mΩ
Biased Humidity
MIL-STD-202
Method 103
1000 hours, 85°C / 85% RH, 10% of operating power.
Measurement at 24±4 hours after test conclusion
≤ 0.2mΩ
Load Life
(Endurance)
JIS-C-5201-1 4.25
IEC-60115-1 4.25.1
70±2°C, RCWV or Max. working voltage whichever is
less for 1000 hours with 1.5hrs "ON" and 0.5hr "OFF"
≤ 0.2mΩ
Solderability
JIS-C-5201-1 4.17
IEC-60115-1 4.17
245 ± 5°C for 3 seconds
> 95% Coverage
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com