Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CTBP92VE/11R Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP92VE/11R
Description  3.81mm pitch pluggable rising clamp terminal blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP92VE/11R Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP92VE/11R Datasheet HTML 1Page - CamdenBoss Ltd. CTBP92VE/11R Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
65
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
S TANDARD
PL UGGABLES
3.81mm pit ch pluggable rising
clamp t erminal blocks
Pr oduct o v ervie w
• 2-12 pole solid block
• Professional rising clamp terminals
• Moulded in green UL94-V0 flame retardant PA66
• Cable acceptance - 0.32 to 1.3mm2 (28-16AWG) solid
and stranded cable
• Pluggable male and female connectors
• Closed headers
• Horizontal and vertical female plug styles
• Polarised mouldings
• Anti solder wicking
• Captive screws and guided pin alignment
• C
US ,
approved
SPECIFICATION
Rating
UL=8A/300V, VDE=10A/250V
Insulation resistance
500M Ω/500V
Withstand voltage
AC2000V/1min
Contact resistance
20mΩ (max)
Working temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Rising clamp
Brass, nickel plated
Screw/torque
M2 steel, zinc plated 0.2Nm
Recommended PCB hole size
ø1.4mm
PART NO.
POLES
LENG TH
CTBP92HE/2
2
8.4mm
CTBP92HE/3
3
12.2mm
CTBP92HE/4
4
16mm
CTBP92HE/5
5
19.8mm
CTBP92HE/6
6
23.7mm
CTBP92HE/7
7
27.5mm
CTBP92HE/8
8
31.3mm
CTBP92HE/9
9
35.1mm
CTBP92HE/10
10
38.9mm
CTBP92HE/11
11
42.7mm
CTBP92HE/12
12
46.5mm
CTBP92HE
PART NO.
POLES
LENG TH
CTBP92VE/2S
2
8.4mm
CTBP92VE/3S
3
12.2mm
CTBP92VE/4S
4
16mm
CTBP92VE/5S
5
19.8mm
CTBP92VE/6S
6
23.7mm
CTBP92VE/7S
7
27.5mm
CTBP92VE/8S
8
31.3mm
CTBP92VE/9S
9
35.1mm
CTBP92VE/10S
10
38.9mm
CTBP92VE/11S
11
42.7mm
CTBP92VE/12S
12
46.5mm
CTBP92VE S
PART NO.
POLES
LENG TH
CTBP92VE/2R
2
8.4mm
CTBP92VE/3R
3
12.2mm
CTBP92VE/4R
4
16mm
CTBP92VE/5R
5
19.8mm
CTBP92VE/6R
6
23.7mm
CTBP92VE/7R
7
27.5mm
CTBP92VE/8R
8
31.3mm
CTBP92VE/9R
9
35.1mm
CTBP92VE/10R
10
38.9mm
CTBP92VE/11R
11
42.7mm
CTBP92VE/12R
12
46.5mm
CTBP92VE R
16.4
6.6
3.81
10.4
3.81
10.4
3.81
F emale c onnect or
F emale v ertical c onnect or ( s tandar d)
F emale v ertical c onnect or (r e v ersed)


Similar Part No. - CTBP92VE/11R

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP92VE/11R CAMDENBOSS-CTBP92VE/11R Datasheet
791Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP92VE/11R CAMDENBOSS-CTBP92VE/11R Datasheet
793Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP92VE/11R CAMDENBOSS-CTBP92VE/11R Datasheet
791Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
More results

Similar Description - CTBP92VE/11R

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP92HE CAMDENBOSS-CTBP92HE Datasheet
791Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP92VD CAMDENBOSS-CTBP92VD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP92VE CAMDENBOSS-CTBP92VE Datasheet
793Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP93HD CAMDENBOSS-CTBP93HD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP93VE CAMDENBOSS-CTBP93VE Datasheet
791Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9408 CAMDENBOSS-CTBP9408 Datasheet
747Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
CTBP9508 CAMDENBOSS-CTBP9508 Datasheet
745Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
CTBP9558 CAMDENBOSS-CTBP9558 Datasheet
745Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com