Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EL2126 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2126
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126 Datasheet(HTML) 5 Page - Intersil Corporation

  EL2126_07 Datasheet HTML 1Page - Intersil Corporation EL2126_07 Datasheet HTML 2Page - Intersil Corporation EL2126_07 Datasheet HTML 3Page - Intersil Corporation EL2126_07 Datasheet HTML 4Page - Intersil Corporation EL2126_07 Datasheet HTML 5Page - Intersil Corporation EL2126_07 Datasheet HTML 6Page - Intersil Corporation EL2126_07 Datasheet HTML 7Page - Intersil Corporation EL2126_07 Datasheet HTML 8Page - Intersil Corporation EL2126_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN7046.3
April 16, 2007
NOTES:
4. Measured by moving the supplies from ±13.5V to ±16.5V
5. Pulse test only and using a 10
Ω load
6. Frequency = 1MHz, VOUT = 2VP-P, into 500Ω and 5pF load
VN
Voltage Noise Spectral Density
1.4
nV/
√Hz
IN
Current Noise Spectral Density
1.1
pA/
√Hz
HD2
2nd Harmonic Distortion (Note 6)
-72
dBc
HD3
3rd Harmonic Distortion (Note 6)
-73
dBc
Electrical Specifications
VS+ = +15V, VS- = -15V, TA = 25°C, RF = 180Ω, RG = 20Ω, RL = 500Ω unless otherwise specified. (Continued)
Parameter
Description
Conditions
Min
Typ
Max
Unit
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com