Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CFH08 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CFH08
Description  5x20mm panel mounting fuseholders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CFH08 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CFH08 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
FUSEHOLDERS
222
DIECAST
ACCESSORIES
FUSED TERMINAL
BLOCKS
214
217
226
FUSEHOLDERS
FUSES
Pr oduct o v ervie w
• Finger/screwdriver release
• Anti-rotation key fixing
• Combined solder/2.8mm
quick connect terminals
• Compact
• EN60127-6
• C
US
,
,
approved
5x20mm panel mounting
fuseholders
PART NO.
TYPE
CFH05
Panel mount fuseholder
CFH05
SPECIFICATION
Rating
10A/250V
Contacts
Tinned nickel plated brass
Moulding
UL94-V0 flame retardant PC
Dielectric strength
>3kV
Insulation resistance
>100MΩ
Power dissipation
2.5W (VDE)
Operating temperature
-30°C to +85°C
Shocksafe category
PC2
5x20mm snap fit panel mounting
fuseholders
Pr oduct o v ervie w
• Snap-fit panel mounting
• Screwdriver release
screw fuse carrier
• Combined solder/2.8mm quick connect
terminals
• Anti-rotation D fixing
• EN60127-6
• C
US
,
,
approved
SPECIFICATION
Rating
6.3A/ 250V
Contacts
Tinned nickel plated brass
Moulding
UL94-V0 flame retardant PBT
Dielectric strength
3kV
Insulation resistance
>100MΩ
Power dissipation
2.5W
Operating temperature
-30°C to +85°C
Shocksafe category
PC2
KEY FEATURES
Finger or scr e w r elease | Anti r ota tion | S tandar d pr ofile panel mount
CFH08
PART NO.
CARRIER
RELEA SE
CFH08
Screw
Screwdriver
KEY FEATURES
Hybrid t erminal | Anti r ota tion body moudling | quick r elease carrier
37.5
6.5
12.7
2
34.2
11
2
6.8
4
16
14
Vers 2


Similar Part No. - CFH08

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFH08 CAMDENBOSS-CFH08 Datasheet
656Kb / 1P
5x20mm panel mounting fuseholders
More results

Similar Description - CFH08

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH7 DUBILIER-DBCFH7 Datasheet
90Kb / 1P
FUSEHOLDERS PCB MOUNTING 5x20mm
DBCFH9 DUBILIER-DBCFH9 Datasheet
130Kb / 1P
FUSEHOLDERS PANEL MOUNTING 5x20mm
DBCFH12 DUBILIER-DBCFH12 Datasheet
92Kb / 1P
FUSEHOLDER PANEL MOUNTING FUSEHOLDERS
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
CamdenBoss Ltd.
CFH04 CAMDENBOSS-CFH04 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
CFH08 CAMDENBOSS-CFH08 Datasheet
656Kb / 1P
5x20mm panel mounting fuseholders
CFH09 CAMDENBOSS-CFH09 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
5x20mm low profile panel mounting fuseholders
CFH14 CAMDENBOSS-CFH14 Datasheet
512Kb / 1P
5x20mm semi-enclosed PCB mounting 15mm pitch fuseholders
CFH17 CAMDENBOSS-CFH17 Datasheet
512Kb / 1P
5x20mm semi-enclosed PCB mounting 15mm pitch fuseholders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com