Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL95810 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL95810
Description  Low Noise, Low Power I2C Bus, 256 Taps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95810 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL95810_06 Datasheet HTML 1Page - Intersil Corporation ISL95810_06 Datasheet HTML 2Page - Intersil Corporation ISL95810_06 Datasheet HTML 3Page - Intersil Corporation ISL95810_06 Datasheet HTML 4Page - Intersil Corporation ISL95810_06 Datasheet HTML 5Page - Intersil Corporation ISL95810_06 Datasheet HTML 6Page - Intersil Corporation ISL95810_06 Datasheet HTML 7Page - Intersil Corporation ISL95810_06 Datasheet HTML 8Page - Intersil Corporation ISL95810_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN8090.2
September 19, 2006
Absolute Maximum Ratings
Recommended Operating Conditions
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at Any Digital Interface Pin
with Respect to VSS . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC+0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Voltage at Any DCP Pin with
Respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300°C
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Power Rating of Each DCP . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mW
Wiper Current of Each DCP. . . . . . . . . . . . . . . . . . . . . . . . . . ±3.0mA
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Analog Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNIT
RTOTAL
RH to RL Resistance
W, U versions respectively
10, 50
k
RH to RL Resistance Tolerance
-20
+20
%
RW
Wiper Resistance
VCC = 3.3V @ +25°C
Wiper current = VCC/RTOTAL
70
200
CH/CL/CW
Potentiometer Capacitance
(Note 13)
10/10/25
pF
ILkgDCP
Leakage on DCP Pins (Note 13)
Voltage at pin from GND to VCC
0.1
1
µA
VOLTAGE DIVIDER MODE (0V @ RL; VCC @ RH; measured at RW, unloaded)
INL (Note 6)
Integral Non-Linearity
-1
1
LSB (Note 2)
DNL (Note 5)
Differential Non-Linearity
Monotonic over all tap positions
W option
-0.75
-0.75
LSB (Note 2)
U option
-0.5
-0.5
LSB (Note 2)
ZSerror (Note 3) Zero-Scale Error
W option
0
1
7
LSB (Note 2)
U option
0
0.5
2
FSerror (Note 4) Full-Scale Error
W option
-7
-1
0
LSB (Note 2)
U option
-2
-0.5
0
TCV (Note 7, 13) Ratiometric Temperature
Coefficient
DCP Register set to 80 hex
±4
ppm/°C
RESISTOR MODE (Measurements between RW and RL with RH not connected, or between RW and RH with RL not connected)
RINL (Note 11)
Integral Non-Linearity
DCP register set between 20 hex and FF hex.
Monotonic over all tap positions
-1
1
MI (Note 8)
RDNL (Note 5)
Differential Non-Linearity
DCP register set between 20 hex
and FF hex. Monotonic over all tap
positions
W option
-0.75
-0.75
MI (Note 8)
U option
-0.5
-0.5
MI (Note 8)
Roffset (Note 9)
Offset
W option
0
1
7
MI (Note 8)
U option
0
0.5
2
MI (Note 8)
TCR
(Note 12, 13)
Resistance Temperature Coefficient DCP register set between 20 hex and FF hex
±45
ppm/°C
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNITS
ICC1 (Note 15)
VCC Supply Current
(Volatile write/read)
fSCL = 400kHz; SDA = Open; (for I
2C, Active,
Read and Volatile Write States only)
1mA
ICC2 (Note 15)
VCC Supply Current
(Nonvolatile Write)
fSCL = 400kHz; SDA = Open; (for I
2C, Active,
Nonvolatile Write State only)
3mA
ISB (Note 15)
VCC Current (Standby)
VCC = +5.5V, I
2C Interface in Standby State
5
µA
VCC = +3.6V, I
2C Interface in Standby State
2
µA
ISL95810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com