Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

X1228 Datasheet(PDF) 21 Page - Intersil Corporation

Part # X1228
Description  Real Time Clock/Calendar/CPU Supervisor with EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1228 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button X1228 Datasheet HTML 17Page - Intersil Corporation X1228 Datasheet HTML 18Page - Intersil Corporation X1228 Datasheet HTML 19Page - Intersil Corporation X1228 Datasheet HTML 20Page - Intersil Corporation X1228 Datasheet HTML 21Page - Intersil Corporation X1228 Datasheet HTML 22Page - Intersil Corporation X1228 Datasheet HTML 23Page - Intersil Corporation X1228 Datasheet HTML 24Page - Intersil Corporation X1228 Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
FN8100.4
May 18, 2006
A write to a protected block of memory is ignored, but
will still receive an acknowledge. At the end of the
write command, the X1228 will not initiate an internal
write cycle, and will continue to ACK commands.
Page Write
The X1228 has a page write operation. It is initiated in
the same manner as the byte write operation; but
instead of terminating the write cycle after the first data
byte is transferred, the master can transmit up to 63
more bytes to the memory array and up to 7 more
bytes to the clock/control registers. (Note: Prior to writ-
ing to the CCR, the master must write a 02h, then 06h
to the status register in two preceding operations to
enable the write operation. See “Writing to the
Clock/Control Registers.”
After the receipt of each byte, the X1228 responds with
an acknowledge, and the address is internally incre-
mented by one. When the counter reaches the end of
the page, it “rolls over” and goes back to the first
address on the same page. This means that the master
can write 64 bytes to a memory array page or 8 bytes to
a CCR section starting at any location on that page. For
example, if the master begins writing at location 40 of
the memory and loads 30 bytes, then the first 23 bytes
are written to addresses 40 through 63, and the last 7
bytes are written to columns 0 through 6. Afterwards,
the address counter would point to location 7 on the
page that was just written. If the master supplies more
than the maximum bytes in a page, then the previously
loaded data is over written by the new data, one byte at
a time. Refer to Figure 12.
The master terminates the Data Byte loading by issu-
ing a stop condition, which causes the X1228 to begin
the nonvolatile write cycle. As with the byte write oper-
ation, all inputs are disabled until completion of the
internal write cycle. Refer to Figure 13 for the address,
acknowledge, and data transfer sequence.
Stops and Write Modes
Stop conditions that terminate write operations must be
sent by the master after sending at least 1 full data byte
and it’s associated ACK signal. If a stop is issued in the
middle of a data byte, or before 1 full data byte + ACK is
sent, then the X1228 resets itself without performing the
write. The contents of the array are not affected.
Figure 13. Page Write Sequence
Word
Address 0
S
t
a
r
t
S
t
o
p
Slave
Address
Word
Address 1
Data
(n)
A
C
K
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
0
Data
(1)
A
C
K
1
≤ n ≤ 64 for EEPROM array
1
≤ n ≤ 8 for CCR
1
1
1
10 0 0 0 0 0 0
X1228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com