Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P89C738 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89C738
Description  8-bit Flash microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C738 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89C738 Datasheet HTML 17Page - NXP Semiconductors P89C738 Datasheet HTML 18Page - NXP Semiconductors P89C738 Datasheet HTML 19Page - NXP Semiconductors P89C738 Datasheet HTML 20Page - NXP Semiconductors P89C738 Datasheet HTML 21Page - NXP Semiconductors P89C738 Datasheet HTML 22Page - NXP Semiconductors P89C738 Datasheet HTML 23Page - NXP Semiconductors P89C738 Datasheet HTML 24Page - NXP Semiconductors P89C738 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
1998 Apr 07
21
Philips Semiconductors
Product specification
8-bit Flash microcontrollers
P89C738; P89C739
10.2
Timer 2
Timer 2 is functionally similar to the Timer 2 of the 8052AH. Timer 2 is a 16-bit timer/counter which is formed by two
SFRs, TL2 and TH2. Another pair of SFRs, RCAP2L and RCAP2H, form a 16-bit capture register or a 16-bit reload
register.
Like Timer 0 and Timer 1, Timer 2 can operate either as timer or as event counter. This is selected by bit C/T2 in SFR
T2CON. The timer has three operating modes: ‘capture’, ‘autoload’ and ‘baud rate generator’, which are selected by bits
in SFR T2CON (see Tables 14 and 15).
10.2.1
TIMER/COUNTER 2CONTROL REGISTER (T2CON)
Table 14 Timer/Counter 2 Control Register (SFR address C8H)
Table 15 Description of T2CON bits
Table 16 Timer 2 operating modes
X = don’t care.
76543210
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
BIT
SYMBOL
DESCRIPTION
7
TF2
Timer 2 overflow flag. Set by a Timer 2 overflow and must be cleared by software. TF2
will not be set when either RCLK = 1 or TCLK = 1. When Timer 2 interrupt is enabled,
TF2 = 1 will cause the CPU to vector to Timer 2 interrupt routine.
6
EXF2
Timer 2 external flag. Set when either a capture or reload is caused by a negative
transition on T2EX and when EXEN2 = 1. When Timer T2 interrupt is enabled,
EXF2 = 1 will cause the CPU to vector to Timer 2 interrupt routine.
5
RCLK
Receive clock flag. When set, causes the Serial Port to use Timer 2 overflow pulses
for its receive clock in Modes 1 and 3. RCLK = 0 causes Timer 1 overflows to be used
for the receive clock.
4
TCLK
Transmit clock flag. When set, causes the Serial Port to use Timer 2 overflow pulses
for its transmit clock in Modes 1 and 3. TCLK = 0 causes Timer 1 overflows to be used
for the transmit clock.
3
EXEN2
Timer 2 external enable flag. When set, allows a capture or reload to occur as a result
of a negative transition on T2EX, if Timer 2 is not being used to clock the Serial Port.
EXEN2 = 0, causes Timer 2 to ignore events at T2EX.
2
TR2
Timer 2 start/stop control. TR2 = 1 starts Timer 2; TR2 = 0 stops Timer 2.
1C/T2
Timer 2 timer or counter select. C/T2 = 0 selects the internal timer with a clock
frequency of 1
12fclk. C/T2 = 1 selects the external event counter; falling edge triggered.
0
CP/RL2
Capture/reload flag. When set, capture will occur on negative transitions at T2EX if
EXEN2 = 1. When cleared, reloads will occur upon either Timer 2 overflows or negative
transitions at T2EX if EXEN2 = 1. When either RCLK = 1 or TCLK = 1, this bit is ignored
and the timer is forced to reload upon overflow.
RCLK
TCLK
CP/RL2
TR2
MODE
0001
16-bit automatic reload
0011
16-bit capture
1
1
X
1
baud rate generator
X
X
X
0
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com