Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMT310 Datasheet(PDF) 2 Page - Vaisala

Part # MMT310
Description  MMT310 Series Moisture and Temperature Transmitters for Oil
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

MMT310 Datasheet(HTML) 2 Page - Vaisala

  MMT310 Datasheet HTML 1Page - Vaisala MMT310 Datasheet HTML 2Page - Vaisala MMT310 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Measurement Performance
Water Activity
Measurement range aw (%RS)
0 … 1 (0 … 100 %)
Accuracy (Including Non-Linearity, Hysteresis, and Repeatability):
0 … 0.9 (0 … 90 %)
0.9 … 1.0
±0.02
±0.03
Response time (90 %) at +20 °C in still
oil
(with stainless steel filter)
10 min
Sensor
Vaisala HUMICAPâ 180L2
Temperature
Measurement range
-40 ... +180 °C (-40 ... +356 °F)
Typical accuracy at +20 °C (68 °F)
±0.2 °C (±0.36 °F)
Sensor
Pt100 RTD Class F0.1 IEC 60751
Mechanical Specifications
IP rating
IP66
Weight example: MMT317 with 2 m
cable
(Weight depends on selected probe
and cable)
476 g
Cable feed through alternatives
8-pole connector with 5 m cable
Female 8-pin connector screw joint
for cable diameter 4 ... 8 mm
Sensor protection
Stainless steel grid standard filter
Stainless steel grid filter for high flow
rates (> 1 m/s)
Materials
Transmitter housing
G-AlSi 10 Mg
Transmitter base
PPS
Probe Cable Length
MMT317
2 m, 5 m, or 10 m
MMT318
2 m, 5 m, or 10 m
Probe installation MMT317
Swagelokâ
NPT 1/2", ISO 3/8" or ISO 1/2"
Probe installation MMT318
Fitting bodies
ISO 1/2", NPT 1/2"
Operating Environment
Operating temperature for electronics
-40 ... +60 °C (-40 ... +140 °F)
Storage temperature
-55 ... +80 °C (-67 ... +176 °F)
Pressure range for MMT318 with ball-
valve up to 120 °C
0 ... 40 bar
Pressure range for MMT317
0 ... 10 bar
EMC compliance
EN61326-1, Industrial environment
Inputs and Outputs
Two analog outputs, selectable and
scalable
0 ... 20 mA or 4 ... 20 mA
0 … 5 V or 0 … 10 V
1 … 5 V available through scaling
Typical accuracy of analog output at
+20 °C
±0.05 % full scale
Typical temperature dependence of
analog output
0.005 %/˚C (0.003 %/°F) full scale
Serial output
RS-232C
Connections
8-pole connector with RS232C,
current/ voltage outputs (two
channels) and Uin
Operating voltage
10 ... 35 VDC
External load
RL < 500 Ω
Startup time after power-up
3 s
Minimum Operating Voltage
RS232C output
10 VDC
Analog output
15 VDC
Pressures above 10 bara (145 psia)
24 VDC
Power Consumption
RS232C
12 mA
Uout 10 V (10 kΩ)
Channel 1 & channel 2
12 mA
Iout 20 mA (load 511 Ω)
Channel 1 & channel 2
50 mA
Spare Parts and Accessories
Rain shield
ASM211103
USB cable
238607
Stainless steel filter
HM47453SP
Stainless steel filter (high flow rate)
220752SP
Ball-Valve Set
BALLVALVE-1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com