Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B3G Datasheet(PDF) 2 Page - Zemic Europe B.V.

Part # B3G
Description  Type B3G Load Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

B3G Datasheet(HTML) 2 Page - Zemic Europe B.V.

  B3G Datasheet HTML 1Page - Zemic Europe B.V. B3G Datasheet HTML 2Page - Zemic Europe B.V. B3G Datasheet HTML 3Page - Zemic Europe B.V. B3G Datasheet HTML 4Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type B3G Load Cell
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2023.01 B3G Rev6
info@zemic.nl
Page 2/4
www.zemiceurope.com
Technical Specifications B3G
Accuracy Class
OIML R60 C3
Output Sensitivity ( = FS )
mV/V
3.0 ± 0.008
Maximum Capacity ( Emax )
t
0.05, 0.1
0.25, 0.5, 1, 2.5
5, 7.5, 10
Max. Number of Load Cell Intervals
nLC
3000
Ratio of min. LC Verification Interval
Y = Emax / vmin
7000
10000
12000
Combined Error
%FS
≤± 0.020
Creep Error (30 minutes)
%FS
≤± 0.016
Temperature Effect on Zero (ZTC)
%FS/10°C
≤± 0.015
Temperature Effect on Sensitivity (STC)
%FS/10°C
≤± 0.011
Zero Balance
%FS
≤± 1.0
Safe Overload
%FS
150
Ultimate Overload
%FS
300
Maximum Deflection
mm
0.1935 ~ 0.4079
Excitation, Recommended Voltage
V
5 ~ 12
Excitation, Maximum Voltage
V
18
Input Resistance
Ω
430 ± 50
Output Resistance
Ω
351 ± 2
Insulation Resistance (50V)
MΩ
≥5000
Compensated Temperature
°C
-10 ~ + 40
Operating Temperature
°C
-35 ~ + 65
Storage Temperature
°C
-40 ~ + 70
Load Cell Weight
kg
0.05t – 1t: 0.5-0.8
2.5t-5t: ~1.5 7.5t: 3.1 10t: 5.6
Element Material
Stainless Steel
Ingress Protection (acc. to EN 60529)
IP67
Recommended Torque on Fixation Bolts
Nm
M8:25
M12:75
M20:400
M24:675
M30:1350
ATEX classification (optional)
II 1G Ex ia IIC T4 Ga
II 1D Ex ia IIIC T 200 135°C Da
II 3G Ex ic IIC T4 Gc
Wiring
Features:
Cable type:
Shielded, 4 conductor cable , conductor AWG 22
Cable diameter: Ø 5.0mm
Cable length:
6m
Cable jacket:
Polyurethane
Shield not connected to element
4-Wire Connection Diagram
Input(+)
Output(-)
Input (-)
Output(+)
Red
White
Black
Green



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com