| Electronic Components Datasheet Search |
|
AM625SIP Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM625SIP Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 29 page ![]() 6 Specifications 6.1 Absolute Maximum Ratings Note The values defined in the Absolute Maximum Ratings table were taken from the integrated LPDDR4 SDRAM datasheet. For additional absolute maximum rating details associated with the integrated LPDDR4 SDRAM, see the Integrated Silicon Solution (ISSI®) IS43/46LQ16256B Datasheet over operating junction temperature range (unless otherwise noted)(1) (2) PARAMETER MIN MAX UNIT VDDS_MEM_1P1 SDRAM IO supply –0.4 1.5 V VDDS_MEM_1P8 SDRAM Core supply –0.4 2.1 V TSTG Storage temperature –55 150 ℃ (1) Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply functional operation of the device at these or any other conditions beyond those listed under Section 6.3, Recommended Operating Conditions. If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime. (2) All voltage values are with respect to VSS, unless otherwise noted. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge (ESD) Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±1000 V Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2) ±250 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. www.ti.com AM625SIP SPRSP98 – NOVEMBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: AM625SIP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |