Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCE-360 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-360
Description  Clamp Meter PCE-360
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-360 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-360 Datasheet HTML 1Page - PCE Instruments. PCE-360 Datasheet HTML 2Page - PCE Instruments. PCE-360 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
AC Voltage measurement
50...600.0 V True RMS value
Accuracy
±1.5 % of measured value
Resolution
+10 digits / 0.1 V
AC Current measurement
3 ... 999.9 A True RMS value
Accuracy
±1.5 % of measured value
Resolution
+15 digits / 0.1 A
Active Power measurement P
150 W... 999.9 kW
Accuracy
±1.5 % of measured value
Resolution
+20 digits / 0.1 KW
Apparent Power measurement
S
150 VA... 999.9 kVA
Accuracy
±1.5 % of measured value
Resolution
+20 digits / 0.1 KVA
Reactive Power measurement Q 150 VAR... 999.9 kVar
Accuracy
±1.5 % of measured value
Resolution
+20 digits / 0.1 KVar
Power Factor measurement
0 ... +1 COSψ
Accuracy
± 0.06
Resolution
0.001
Phase angle measurement
-90° .... +90° ψ
Accuracy
± 3°
Resolution
0.1
Frequency measurement (U >
50V)
40 ... 100 Hz
Accuracy
±1 % of measured value +2 digits
Resolution
0.1 Hz
Three Phase Sequence
Detection (UL > 50V)
yes
Active Power Energy
measurement
0 ... 9999 MWh
Accuracy
±1.5 % of measured value
Resolution
+20 digits
Apparent Power Energy
measurement
0 ... 9999 MVAh
Accuracy
±1.5 % of measured value
Resolution
+20 digits
 
 
 
More information
Manual
Manual
More product info
Similar products



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com