Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCA1070 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCA1070
Description  Multistandard programmable analog CMOS transmission IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1070 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCA1070 Datasheet HTML 22Page - NXP Semiconductors PCA1070 Datasheet HTML 23Page - NXP Semiconductors PCA1070 Datasheet HTML 24Page - NXP Semiconductors PCA1070 Datasheet HTML 25Page - NXP Semiconductors PCA1070 Datasheet HTML 26Page - NXP Semiconductors PCA1070 Datasheet HTML 27Page - NXP Semiconductors PCA1070 Datasheet HTML 28Page - NXP Semiconductors PCA1070 Datasheet HTML 29Page - NXP Semiconductors PCA1070 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
1997 Jun 20
26
Philips Semiconductors
Product specification
Multistandard programmable analog
CMOS transmission IC
PCA1070
23. The internal balance impedance Zoss to match the external load impedance at pin LN (Zline =Zoss) for optimum
sidetone suppression; Zoss =Rsa +(Rsb // Cs); without clock the sidetone balance impedance is automatically set to
Zoss = 600 Ω (typical).
24. Other values can be found in Tables 14, 15 and 16.
25. Value Cs = 5 nF can also be programmed.
26. Gain sending channel GM = default (typical 41 dB); gain receiving channel Grec = default (typical −6 dB); sidetone
gain GSTS minimum sidetone suppression at f = 300 Hz and 3400 Hz is: GM +GR − Gst(max) =41 − 6 − 15=20dB.
GSTA, the sidetone gain for asymmetrical drive equals GSTS −6 (in dB).
27. Indication only; exact values can be found in Table 16.
28. Standard I2C-bus specifications are valid for VDD ≥ 2.5 V. Relaxed specifications for VDD = 1.8 to 2.5 V.
29. Recommended accuracy of input frequency; a higher tolerance will cause parameters to deviate from their specified
values; note that all parameters are specified with the reference input clock frequency fclk = 3.579545 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com