Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCD3310AP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCD3310AP
Description  Pulse and DTMF diallers with redial
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3310AP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCD3310AP Datasheet HTML 6Page - NXP Semiconductors PCD3310AP Datasheet HTML 7Page - NXP Semiconductors PCD3310AP Datasheet HTML 8Page - NXP Semiconductors PCD3310AP Datasheet HTML 9Page - NXP Semiconductors PCD3310AP Datasheet HTML 10Page - NXP Semiconductors PCD3310AP Datasheet HTML 11Page - NXP Semiconductors PCD3310AP Datasheet HTML 12Page - NXP Semiconductors PCD3310AP Datasheet HTML 13Page - NXP Semiconductors PCD3310AP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1996 Nov 21
10
Philips Semiconductors
Product specification
Pulse and DTMF diallers with redial
PCD3310; PCD3310A
Table 3
Frequency tolerance of the output tones for DTMF signalling; fxtal = 3.579545 MHz
ROW/COLUMN
STANDARD
FREQUENCY (Hz)
TONE OUTPUT
FREQUENCY (Hz)
FREQUENCY DEVIATION
%Hz
ROW 1
697
697.90
+0.13
+0.90
ROW 2
770
770.46
+0.06
+0.46
ROW 3
852
850.45
−0.18
−1.55
ROW 4
941
943.23
+0.24
+2.23
COL 1
1209
1206.45
−0.21
−2.55
COL 2
1336
1341.66
+0.42
+5.66
COL 3
1477
1482.21
+0.35
+5.21
COL 4
1633
1638.24
+0.32
+5.25
7.8
Dial pulse and Flash output (DP/FLO)
This is a combined output which provides control signals
for timing in pulse dialling or for a calibrated line break
(flash or register recall) in both dialling modes.
7.9
Mute output (M1)
The MUTE output can be used to disable the microphone
during dialling.
During pulse dialling the mute output becomes active
HIGH for the period of the inter-digit pause, break time and
make time. It remains at this level until the last digit is
pulsed out.
During DTMF dialling the mute output becomes active
HIGH for the period of tone transmission and remains at
this level until the end of hold-over time. It is also active
HIGH during flash and flash hold-over time.
7.10
Mute output (M1)
Inverted output of M1. In the PCD3310P it is only available
as a bonding option of M1.
7.11
Muting output (M2)
Active HIGH output during actual dialling; i.e. during break
or make time in pulse dialling, or during tone ON/OFF in
DTMF dialling. It is an open drain p-channel output.
8
DIALLING PROCEDURES (see Figs 7, 8 and 9)
8.1
Dialling
After CE has risen to VDD the oscillator starts running and
the Read Address Counter (RAC) is set to the first address
of both the main and temporary redial registers, ready to
redial any stored number (see Fig.6). By dialling the first
valid digit, the Temporary Write Address Counter (TWAC)
will be set to the first address of the temporary register,
and the decoded digit will be stored in the temporary
register at that address. The TWAC is then incremented to
the next address. The first 5 valid digits will be decoded
and stored in the temporary register in this way, and have
no effect on the main register and its associated Write
Address Counter (WAC). After the sixth valid digit is
entered, the TWAC indicates an overflow condition.
The data from the temporary register will be copied into the
5 least significant places of the main register and the
TWAC into the WAC. The sixth digit, and all subsequent
digits will be stored in the main register (a total of not more
than 23). If more than 23 digits are entered redial will be
inhibited. If not more than 5 digits are entered only the
temporary register and the associated TWAC are affected.
All entries are debounced on both the leading and trailing
edges for at least time period te as shown in Figs 11, 12,
13 and 14.
Each entry is tested for validity before being stored in the
redial registers.
• For DTMF dialling all dial keys are valid
• For pulse dialling only numeric dial keys are valid.
Simultaneous to their acceptance and corresponding to
the selected mode (pulse, DTMF or mixed), the entries are
transmitted as pulse-trains or as DTMF frequencies in
accordance with PTT requirements. Non-numeric dial key
entries are neglected during pulse dialling; they are neither
stored nor transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com