Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BUS13A Datasheet(PDF) 2 Page - Seme LAB

Part # BUS13A
Description  NPN POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUS13A Datasheet(HTML) 2 Page - Seme LAB

  BUS13A Datasheet HTML 1Page - Seme LAB BUS13A Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SWITCHING CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
450
1
4
10
1.5
1.6
1
4
0.8
V
mA
mA
V
V
µS
BUS13A
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IC = 100mA IBoff = 0
L =25mH
VCE = VCESMmax; VBE =0
TC=125°C
VEB = 9V
IC = 0
IC = 8A
IB = 1.6A
IC = 8A
IB = 1.6A
IC = 8A
IBon = -IBoff = 1.6A
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
Collector Emitter Sustaining
Voltage
Collector Cut–Off Current
Emitter Cut–Off Current
Collector – Emitter Saturation
Voltage
Base – Emitter Saturation Voltage
On Time
Storage Time
Fall Time
VCEOsust
ICES
IEBO
VCE(sat)
VBE(sat)
ton
ts
tf
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5380
Issue 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com